Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9166 Datasheet HTML 37Page - Analog Devices AD9166 Datasheet HTML 38Page - Analog Devices AD9166 Datasheet HTML 39Page - Analog Devices AD9166 Datasheet HTML 40Page - Analog Devices AD9166 Datasheet HTML 41Page - Analog Devices AD9166 Datasheet HTML 42Page - Analog Devices AD9166 Datasheet HTML 43Page - Analog Devices AD9166 Datasheet HTML 44Page - Analog Devices AD9166 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 41 of 138
Link Delay Setup Example, Without Known Delay
If the system delays are not known, the AD9166 can read back
the link latency between LMFCRX for each link and the
SYSREF± aligned LMFC. This information is then used to
calculate LMFCVar and LMFCDel. Figure 62 shows how
DYN_LINK_LATENCY_0 (Register 0x302) provides a
readback showing the delay (in PCLK cycles) between the
LMFCRX and the transition from the ILAS to the first data
sample. By repeatedly power cycling and taking this measurement,
the minimum and maximum delays across power cycles can be
determined to calculate LMFCVar and LMFCDel.
In Figure 62, the AD9166 is configured as described in the Sync
Procedure section. Because the purpose of this exercise is to
determine LMFCDel and LMFCVar, the LMFCDel value is
programmed to 0 and the DYN_LINK_LATENCY_0 value is
read from Register 0x302. For Link A, Link B, and Link C, the
system containing the AD9166 (including the transmitter) is
power cycled and configured 20 times.
The variation in the link latency over the 20 runs is shown in
Figure 62, described as follows:
Link A gives readbacks of 6, 7, 0, and 1. Note that the set of
recorded delay values rolls over the edge of a multiframe at
the boundary of K/PCLK factor = 8. Add the number of
PCLK cycles per multiframe = 8 to the readback values of 0
and 1 because they rolled over the edge of the multiframe.
Delay values range from 6 to 9.
Link B gives delay values from 5 to 7.
Link C gives delay values from 4 to 7.
The example shown in Figure 62 is demonstrated in the
following steps. Note that this example is in Subclass 1 to
achieve deterministic latency, which has a PCLK factor (frame
rate ÷ PCLK rate) of 4 and uses K = 32. Therefore, PCLK cycles
per multiframe = 8.
1.
Calculate the minimum of all delay measurements across
all power cycles, links, and devices as follows:
MinDelay = min(all Delay values) = 4
2.
Calculate the maximum of all delay measurements across
all power cycles, links, and devices as follows:
MaxDelay = max(all Delay values) = 9
3.
Calculate the total delay variation (with guard band) across
all power cycles, links, and devices as follows:
LMFCVar = (MaxDelay + 1) − (MinDelay − 1)
= (9 + 1) − (4 − 1) = 10 − 3 = 7 PCLK cycles
4.
Calculate the minimum delay in PCLK cycles (with guard
band) across all power cycles, links, and devices as follows:
LMFCDel
= (MinDelay − 1) % (K/PCLK Factor)
= (4 − 1) % 32/4
= 3 % 8 = 3 PCLK cycles
5.
Write LMFCDel to Register 0x304 for all devices in the system.
6.
Write LMFCVar to Register 0x306 for all devices in the system.
0123
45670123
4567
DYN_LINK_LATENCY_0 COUNT
ALIGNED DATA (LINK A)
DETERMINISTICALLY
DELAYED DATA
LMFCRX
ALIGNED DATA (LINK B)
ALIGNED DATA (LINK C)
FRAME CLOCK
LMFC
PCLK
DATA
ILAS
DATA
ILAS
DATA
ILAS
DATA
ILAS
LMFC_DELAY_0 = 6
(FRAME CLOCK CYCLES)
LMFC_VAR_0 = 7
(PCLK CYCLES)
Figure 62. Multilink Synchronization Settings, Derived Method Example
ILAS
DATA
SYSREF±
ALIGNED DATA
LMFCRX
DYN_LINK_LATENCY_0
Figure 63. DYN_LINK_LATENCY_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com