Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 67 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9166 Datasheet HTML 63Page - Analog Devices AD9166 Datasheet HTML 64Page - Analog Devices AD9166 Datasheet HTML 65Page - Analog Devices AD9166 Datasheet HTML 66Page - Analog Devices AD9166 Datasheet HTML 67Page - Analog Devices AD9166 Datasheet HTML 68Page - Analog Devices AD9166 Datasheet HTML 69Page - Analog Devices AD9166 Datasheet HTML 70Page - Analog Devices AD9166 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 67 of 138
START-UP SEQUENCE
Several steps are required to program the AD9166 to the proper
operating state after the device is powered up according to the
recommended power-up sequence (see the Power Sequencing
section).
The start-up sequence is divided into several steps, and is listed
in Table 42, Table 43, and Table 44, along with an explanation of
the purpose of each step. Private registers are reserved but
must be written for proper operation. Blank cells in Table 42 to
Table 44 mean that the value depends on the result as described
in the Description column.
The AD9166 is calibrated at the factory as part of the automatic
test program. The configure DAC start-up sequence loads the
factory calibration coefficients and configures some parameters
that optimize the performance of the DAC and the device clock
DLL (see Table 42). Run this sequence whenever the DAC is
powered down or reset.
The configure JESD204B sequence configures the SERDES
block and then brings up the links (see Table 43). First, run the
configure DAC start-up sequence, then run the configure
JESD204B sequence.
Follow the configure NCO sequence if using the NCO (see
Table 44). Note that the NCO can be used in NCO only mode
or in conjunction with synthesized data from the SERDES data
interface. Only one mode can be used at a time and this mode is
selected in the second step in Table 44. The configure DAC
start-up sequence is run first, then the configure NCO sequence.
Table 42. Configure DAC Start-Up Sequence After Power-Up
Register
Value
Description
R/W
0x000
0x18
Configure the device for 4-wire serial port operation (optional: leave at the default of 3-wire SPI).
W
0x0D2
0x52
Reset internal calibration registers (private).
W
0x0D2
0xD2
Clear the reset bit for the internal calibration registers (private).
W
0x606
0x02
Configure the nonvolatile random access memory (NVRAM) (private).
W
0x607
0x00
Configure the NVRAM (private).
W
0x604
0x01
Load the NVRAM. Loads factory calibration factors from the NVRAM (private).
W
0x003, 0x004,
0x005, 0x006
N/A1
Optional. Read CHIP_TYPE, PROD_ID, Bits[15:0], PROD_GRADE, and DEV_REVISION from
Register 0x003, Register 0x004, Register 0x005, and Register 0x006.
R
0x604, Bit 1
0b1
Optional. Read the boot loader pass bit in Register 0x604, Bit 1 = 0b1 to indicate a completed boot
load (private)
R
0x058
0x03
Enable the band gap reference (private).
W
0x090
0x1E
Power up the device clock DLL.
W
0x080
0x00
Enable the clock receiver.
W
0x040
0x00
Enable the DAC bias circuits.
W
0x09E
0x85
Configure DAC analog parameters (private).
W
0x091
0xE9
Enable the device clock DLL.
W
0x092, Bit 0
0b1
Check DLL_STATUS; set Register 0x092, Bit 0 = 1 to indicate the DLL is locked to the device clock
input.
R
0x0E8
0x20
Enable calibration factors (private).
W
0x152, Bits[1:0]
Configure the DAC decode mode (0b00 = NRZ, 0b01 = mix mode, or 0b10 = RZ).
W
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com