Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9166 Datasheet HTML 11Page - Analog Devices AD9166 Datasheet HTML 12Page - Analog Devices AD9166 Datasheet HTML 13Page - Analog Devices AD9166 Datasheet HTML 14Page - Analog Devices AD9166 Datasheet HTML 15Page - Analog Devices AD9166 Datasheet HTML 16Page - Analog Devices AD9166 Datasheet HTML 17Page - Analog Devices AD9166 Datasheet HTML 18Page - Analog Devices AD9166 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 15 of 138
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
DNC = DO NOT CONNECT. LEAVE THESE PINS FLOATING.
3.3V ANALOG SUPPLY, BUFFER OUTPUT
–5V ANALOG SUPPLY, BUFFER REFERENCE
5V ANALOG SUPPLY, BUFFER INPUT
2.5V ANALOG SUPPLY, DAC OUTPUT
–1.2V ANALOG SUPPLY, DAC OUTPUT
1.2V ANALOG SUPPLY, DAC CLOCK
1.2V ANALOG SUPPLY, DAC MIXED-SIGNAL
CMOS I/O
GND REFERENCE
DNC
1.2V SERDES SUPPLY
1.2V DIGITAL SUPPLY
I/O PINS SUPPLY (1.8V TO 3.3V)
3.3V SYNCOUT+/SYNCOUT– SUPPLY
SERDES LANE x
SYSTEM REFERENCE POSITIVE AND NEGATIVE
RF SIGNALS
BYPASS NODE
REFERENCE NODE
1
2
3
45
6
7
89
10
11
12
13
14
15
16
17
18
TOP VIEW
(Not to Scale)
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
RFOUT
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
AMP_
VBG
CS_AMP GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
DAC_
1P2_
SER
DAC_
1P2_
SER
DAC_
1P2_
SER
GND
GND
SERPLL_
LDO_
BYPASS
GND
DAC_
1P2_
SER
DAC_
1P2_
SER
DAC_
1P2_
SER
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
AMP_
3P3
AMP_
3P3
AMP_
N5
AMP_
N5
AMP_
3P3_
OUT
AMP_
3P3_
OUT
GND
GND
CLK+
GND
AMP_N5 AMP_N5 AMP_N5 VDD_IO
GND
CLK–
GND
GND
AMP_
5V_
IN
AMP_
5V_
IN
AMP_
5V_
IN
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
SYS
REF+
SYS
REF–
GND
GND
DNC
GND
GND
GND
GND
GND
GND
DAC_
VBG
NEG
GND
GND
GND
GND
GND
GND
GND
GND
DNC
DAC_
2P5_AN
GND
GND
GND
GND
GND
SDIO
SDO
SCLK
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
DNC
GND
GND
GND
GND
GND
SERDIN
7+
SERDIN
7–
SERDIN
0+
SERDIN
0–
SERDIN
1+
SERDIN
1–
SERDIN
6–
SERDIN
5+
SERDIN
5–
SERDIN
4+
SERDIN
4–
SERDIN
3–
SERDIN
3+
SERDIN
2–
SERDIN
2+
SERDIN
6+
GND
GND
GND
GND
DAC_
1P2_
SER
IRQ
GND
GND
GND
GND
GND
GND
DAC_
1P2_
SER
GND
GND
GND
GND
VDD_IO
DAC_
1P2_
SER
GND
DAC_
1P2_
SER
RESET
TX_
ENABLE
DAC_
1P2_
SER
DAC_
1P2_
SER
VDD_IO CS_DAC GND
DAC_
1P2_
SER
GND
GND
GND
GND
GND
GND
DAC_
1P2_
DIG
DAC_
1P2_
DIG
DAC_
1P2_
DIG
DAC_
1P2_
SER
GND
DAC_
1P2_
DIG
DAC_
1P2_
DIG
DAC_
1P2_
DIG
DAC_
1P2_
DIG
DAC_
1P2_
DIG
DAC_
1P2_
DIG
DAC_
1P2_
SER
GND
GND
GND
GND
DAC_
3P3_
SYNC
DAC_
3P3_
SYNC
DNC
GND
GND
DAC_
1P2_
SER
DAC_
1P2_
SERDES
DAC_
1P2_
SER
GND
SYNC
OUT–
SYNC
OUT+
DAC_
1P2_
SER
DAC_
1P2_
SER
GND
GND
GND
GND
GND
DAC_
N1P2
_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
2P5_AN
DAC_
1P2_AN
DAC_
1P2_
CLK
DAC_
1P2_
CLK
DAC_
1P2_
CLK
DAC_
1P2_
CLK
DAC_
1P2_
CLK
DAC_
1P2_
CLK
DAC_
1P2_
CLK
DAC_
1P2_AN
DAC_
2P5_AN
DAC_
N1P2
_AN
DAC_
N1P2
_AN
DAC_
N1P2
_AN
DAC_
N1P2
_AN
DAC_
N1P2
_AN
DAC_
N1P2
_AN
DAC_
N1P2
_AN
DAC_
N1P2
_AN
DAC_
N1P2
_AN
DAC_
N1P2
_AN
DAC_
N1P2
_AN
DAC_
1P2_
CLK
DAC_
1P2_
CLK
GND
GND
ISET
VREF
GND
GND
AMP_
1P8_
BYPASS
AMP_
1P8_
BYPASS
GND
GND
Figure 3. Pin Configuration
Table 13. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1 to A8, A10 to A18, B1 to B12, B15 to B18, C1, C2, C8
to C10, C12, C15, C18, D1, D2, D9, D10, D18, E2, E18,
F2 to F4, F10, F11, F17, F18, G1 to G9, G17, G18, H2
to H6, H8 to H10, H14 to H18, J2 to J7, J10, J11, J15
to J18, K1 to K12, K14 to K18, L2, L3, L6 to L14, L16,
L17, M2, M3, M9, M14, M16, M17, N1 to N3, N5, N16
to N18, P2 to P4, P9, P11, P16, P17, R2 to R4, R8, R9,
R11, R16, R17, T1 to T18, U1 to U18, V1 to V3, V6, V9,
V10, V13, V16 to V18
GND
Ground.
A9
RFOUT
Device RF Output. Internally matched to a 50 Ω single-
ended load impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com