Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 76 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9166 Datasheet HTML 72Page - Analog Devices AD9166 Datasheet HTML 73Page - Analog Devices AD9166 Datasheet HTML 74Page - Analog Devices AD9166 Datasheet HTML 75Page - Analog Devices AD9166 Datasheet HTML 76Page - Analog Devices AD9166 Datasheet HTML 77Page - Analog Devices AD9166 Datasheet HTML 78Page - Analog Devices AD9166 Datasheet HTML 79Page - Analog Devices AD9166 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 76 of 138
Reg.
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x497
ECNT_STAT7
[7:0]
Reserved
LANE_ENA7
ECNT_TCR7
0x00
R
0x498
BD_CNT0
[7:0]
BD_CNT0
0x00
R
0x499
BD_CNT1
[7:0]
BD_CNT1
0x00
R
0x49A
BD_CNT2
[7:0]
BD_CNT2
0x00
R
0x49B
BD_CNT3
[7:0]
BD_CNT3
0x00
R
0x49C
BD_CNT4
[7:0]
BD_CNT4
0x00
R
0x49D
BD_CNT5
[7:0]
BD_CNT5
0x00
R
0x49E
BD_CNT6
[7:0]
BD_CNT6
0x00
R
0x49F
BD_CNT7
[7:0]
BD_CNT7
0x00
R
0x4A0
NIT_CNT0
[7:0]
NIT_CNT0
0x00
R
0x4A1
NIT_CNT1
[7:0]
NIT_CNT1
0x00
R
0x4A2
NIT_CNT2
[7:0]
NIT_CNT2
0x00
R
0x4A3
NIT_CNT3
[7:0]
NIT_CNT3
0x00
R
0x4A4
NIT_CNT4
[7:0]
NIT_CNT4
0x00
R
0x4A5
NIT_CNT5
[7:0]
NIT_CNT5
0x00
R
0x4A6
NIT_CNT6
[7:0]
NIT_CNT6
0x00
R
0x4A7
NIT_CNT7
[7:0]
NIT_CNT7
0x00
R
0x4A8
UEK_CNT0
[7:0]
UEK_CNT0
0x00
R
0x4A9
UEK_CNT1
[7:0]
UEK_CNT1
0x00
R
0x4AA
UEK_CNT2
[7:0]
UEK_CNT2
0x00
R
0x4AB
UEK_CNT3
[7:0]
UEK_CNT3
0x00
R
0x4AC
UEK_CNT4
[7:0]
UEK_CNT4
0x00
R
0x4AD
UEK_CNT5
[7:0]
UEK_CNT5
0x00
R
0x4AE
UEK_CNT6
[7:0]
UEK_CNT6
0x00
R
0x4AF
UEK_CNT7
[7:0]
UEK_CNT7
0x00
R
0x4B0
LINK_STATUS0
[7:0] BDE0
NIT0
UEK0
ILD0
ILS0
CKS0
FS0
CGS0
0x00
R
0x4B1
LINK_STATUS1
[7:0] BDE1
NIT1
UEK1
ILD1
ILS1
CKS1
FS1
CGS1
0x00
R
0x4B2
LINK_STATUS2
[7:0] BDE2
NIT2
UEK2
ILD2
ILS2
CKS2
FS2
CGS2
0x00
R
0x4B3
LINK_STATUS3
[7:0] BDE3
NIT3
UEK3
ILD3
ILS3
CKS3
FS3
CGS3
0x00
R
0x4B4
LINK_STATUS4
[7:0] BDE4
NIT4
UEK4
ILD4
ILS4
CKS4
FS4
CGS4
0x00
R
0x4B5
LINK_STATUS5
[7:0] BDE5
NIT5
UEK5
ILD5
ILS5
CKS5
FS5
CGS5
0x00
R
0x4B6
LINK_STATUS6
[7:0] BDE6
NIT6
UEK6
ILD6
ILS6
CKS6
FS6
CGS6
0x00
R
0x4B7
LINK_STATUS7
[7:0] BDE7
NIT7
UEK7
ILD7
ILS7
CKS7
FS7
CGS7
0x00
R
0x4B8
JESD_IRQ_
ENABLEA
[7:0] EN_BDE
EN_NIT
EN_UEK
EN_ILD
EN_ILS
EN_CKS
EN_FS
EN_CGS
0x00
R/W
0x4B9
JESD_IRQ_
ENABLEB
[7:0]
Reserved
EN_ILAS
0x00
R/W
0x4BA
JESD_IRQ_
STATUSA
[7:0] IRQ_BDE
IRQ_NIT
IRQ_UEK
IRQ_ILD
IRQ_ILS
IRQ_CKS
IRQ_FS
IRQ_CGS
0x00
R/W
0x4BB
JESD_IRQ_
STATUSB
[7:0]
Reserved
IRQ_ILAS
0x00
R/W
0x800
HOPF_CTRL
[7:0]
HOPF_MODE
Reserved
HOPF_SEL
0x00
R/W
0x806
HOPF_FTW1_0
[7:0]
HOPF_FTW1[7:0]
0x00
R/W
0x807
HOPF_FTW1_1
[7:0]
HOPF_FTW1[15:8]
0x00
R/W
0x808
HOPF_FTW1_2
[7:0]
HOPF_FTW1[23:16]
0x00
R/W
0x809
HOPF_FTW1_3
[7:0]
HOPF_FTW1[31:24]
0x00
R/W
0x80A
HOPF_FTW2_0
[7:0]
HOPF_FTW2[7:0]
0x00
R/W
0x80B
HOPF_FTW2_1
[7:0]
HOPF_FTW2[15:8]
0x00
R/W
0x80C
HOPF_FTW2_2
[7:0]
HOPF_FTW2[23:16]
0x00
R/W
0x80D
HOPF_FTW2_3
[7:0]
HOPF_FTW2[31:24]
0x00
R/W
0x80E
HOPF_FTW3_0
[7:0]
HOPF_FTW3[7:0]
0x00
R/W
0x80F
HOPF_FTW3_1
[7:0]
HOPF_FTW3[15:8]
0x00
R/W
0x810
HOPF_FTW3_2
[7:0]
HOPF_FTW3[23:16]
0x00
R/W
0x811
HOPF_FTW3_3
[7:0]
HOPF_FTW3[31:24]
0x00
R/W
0x812
HOPF_FTW4_0
[7:0]
HOPF_FTW4[7:0]
0x00
R/W
0x813
HOPF_FTW4_1
[7:0]
HOPF_FTW4[15:8]
0x00
R/W
0x814
HOPF_FTW4_2
[7:0]
HOPF_FTW4[23:16]
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com