Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9166 Datasheet HTML 69Page - Analog Devices AD9166 Datasheet HTML 70Page - Analog Devices AD9166 Datasheet HTML 71Page - Analog Devices AD9166 Datasheet HTML 72Page - Analog Devices AD9166 Datasheet HTML 73Page - Analog Devices AD9166 Datasheet HTML 74Page - Analog Devices AD9166 Datasheet HTML 75Page - Analog Devices AD9166 Datasheet HTML 76Page - Analog Devices AD9166 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 73 of 138
Reg.
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x2C2
TERM_OFFSET_
7
[7:0]
Reserved
TERM_OFFSET_7
0x00
R/W
0x300
GENERAL_JRX_
CTRL_0
[7:0] Reserved
CHECKSUM
_MODE
Reserved
LINK_EN
0x00
R/W
0x302
DYN_LINK_
LATENCY_0
[7:0]
Reserved
DYN_LINK_LATENCY_0
0x00
R
0x304
LMFC_DELAY_0 [7:0]
Reserved
LMFC_DELAY_0
0x00
R/W
0x306
LMFC_VAR_0
[7:0]
Reserved
LMFC_VAR_0
0x1F
R/W
0x308
XBAR_LN_0_1
[7:0]
Reserved
SRC_LANE1
SRC_LANE0
0x08
R/W
0x309
XBAR_LN_2_3
[7:0]
Reserved
SRC_LANE3
SRC_LANE2
0x1A
R/W
0x30A
XBAR_LN_4_5
[7:0]
Reserved
SRC_LANE5
SRC_LANE4
0x2C
R/W
0x30B
XBAR_LN_6_7
[7:0]
Reserved
SRC_LANE7
SRC_LANE6
0x3E
R/W
0x30C
FIFO_STATUS_
REG_0
[7:0]
LANE_FIFO_FULL
0x00
R
0x30D
FIFO_STATUS_
REG_1
[7:0]
LANE_FIFO_EMPTY
0x00
R
0x311
SYNC_GEN_0
[7:0]
Reserved
EOMF_MASK_0 Reserved
EOF_
MASK_0
0x00
R/W
0x312
SYNC_GEN_1
[7:0]
SYNC_ERR_DUR
SYNC_SYNCREQ_DUR
0x00
R/W
0x313
SYNC_GEN_3
[7:0]
LMFC_PERIOD
0x00
R
0x315
PHY_PRBS_
TEST_EN
[7:0]
PHY_TEST_EN
0x00
R/W
0x316
PHY_PRBS_
TEST_CTRL
[7:0] Reserved
PHY_SRC_ERR_CNT
PHY_PRBS_PAT_SEL
PHY_TEST_
START
PHY_TEST_
RESET
0x00
R/W
0x317
PHY_PRBS_
TEST_
THRESHOLD_
LOBITS
[7:0]
PHY_PRBS_THRESHOLD_LOBITS
0x00
R/W
0x318
PHY_PRBS_
TEST_
THRESHOLD_
MIDBITS
[7:0]
PHY_PRBS_THRESHOLD_MIDBITS
0x00
R/W
0x319
PHY_PRBS_
TEST_
THRESHOLD_
HIBITS
[7:0]
PHY_PRBS_THRESHOLD_HIBITS
0x00
R/W
0x31A
PHY_PRBS_
TEST_ERRCNT_
LOBITS
[7:0]
PHY_PRBS_ERR_CNT_LOBITS
0x00
R
0x31B
PHY_PRBS_
TEST_ERRCNT_
MIDBITS
[7:0]
PHY_PRBS_ERR_CNT_MIDBITS
0x00
R
0x31C
PHY_PRBS_
TEST_ERRCNT_
HIBITS
[7:0]
PHY_PRBS_ERR_CNT_HIBITS
0x00
R
0x31D
PHY_PRBS_
TEST_STATUS
[7:0]
PHY_PRBS_PASS
0xFF
R
0x31E
PHY_DATA_
SNAPSHOT_
CTRL
[7:0]
Reserved
PHY_GRAB_LANE_SEL
PHY_GRAB
_MODE
PHY_GRAB
_DATA
0x00
R/W
0x31F
PHY_SNAPSHOT
_DATA_BYTE0
[7:0]
PHY_SNAPSHOT_DATA_BYTE0
0x00
R
0x320
PHY_SNAPSHOT
_DATA_BYTE1
[7:0]
PHY_SNAPSHOT_DATA_BYTE1
0x00
R
0x321
PHY_SNAPSHOT
_DATA_BYTE2
[7:0]
PHY_SNAPSHOT_DATA_BYTE2
0x00
R
0x322
PHY_SNAPSHOT
_DATA_BYTE3
[7:0]
PHY_SNAPSHOT_DATA_BYTE3
0x00
R
0x323
PHY_SNAPSHOT
_DATA_BYTE4
[7:0]
PHY_SNAPSHOT_DATA_BYTE4
0x00
R
0x32C
SHORT_TPL_
TEST_0
[7:0]
SHORT_TPL_SP_SEL
SHORT_TPL_M_SEL
SHORT_
TPL_TEST_
RESET
SHORT_
TPL_TEST_
EN
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com