Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 69 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9166 Datasheet HTML 65Page - Analog Devices AD9166 Datasheet HTML 66Page - Analog Devices AD9166 Datasheet HTML 67Page - Analog Devices AD9166 Datasheet HTML 68Page - Analog Devices AD9166 Datasheet HTML 69Page - Analog Devices AD9166 Datasheet HTML 70Page - Analog Devices AD9166 Datasheet HTML 71Page - Analog Devices AD9166 Datasheet HTML 72Page - Analog Devices AD9166 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 69 of 138
Table 44. Configure NCO Sequence
Register
Value
Description
R/W
0x110
0x80
(Optional). Perform this write if NCO only mode is desired.
W
0x111, Bit 6
0b1
Configure NCO_EN (Bit 6) = 0b1. Configure other datapath options for Bit 7 (INVSINC_EN), Bit 4 (FILT_BW),
Bit 2 (MODULUS_EN), Bit 1 (SEL_SIDEBAND), and Bit 0 (FIR85_FILT_EN). See the Register Summary section for
details on the options. Set the reserved bits (Bit 5 and Bit 3) to 0b0.
W
0x150, Bit 1
Configure the DC_TEST_EN bit: 0b0 = NCO operation with data interface; 0b1 = NCO only mode.
W
0x14E
Write amplitude value for tone amplitude in NCO only mode (Bits[15:8]).
W
0x14F
Write amplitude value for tone amplitude in NCO only mode (Bits[7:0]).
W
0x113
0x00
Ensure the frequency tuning word write request is low.
W
0x119
Write FTW, Bits[47:40].
W
0x118
Write FTW, Bits[39:32].
W
0x117
Write FTW, Bits[31:24].
W
0x116
Write FTW, Bits[23:16].
W
0x115
Write FTW, Bits[15:8].
W
0x114
Write FTW, Bits[7:0].
W
0x113
0x01
Load the FTW to the NCO.
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com