Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 62 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9166 Datasheet HTML 58Page - Analog Devices AD9166 Datasheet HTML 59Page - Analog Devices AD9166 Datasheet HTML 60Page - Analog Devices AD9166 Datasheet HTML 61Page - Analog Devices AD9166 Datasheet HTML 62Page - Analog Devices AD9166 Datasheet HTML 63Page - Analog Devices AD9166 Datasheet HTML 64Page - Analog Devices AD9166 Datasheet HTML 65Page - Analog Devices AD9166 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
AD9166
Data Sheet
Rev. 0 | Page 62 of 138
2× NRZ Mode
The AD9166 has an additional mode that allows doubling the
DAC sample rate. The 2× NRZ mode is implemented using the
FIR85 2× interpolation filter, which provides new samples to
the DAC core on both rising and falling edges of the device
clock. As a result, the analog bandwidth in 2× NRZ mode also
doubles in comparison to NRZ mode, as illustrated in Figure 88.
Because the DAC sample rate (fDAC) is now twice the device
clock (fCLK), the energy in the image frequency at fCLK – fOUT
appears at 2 × fCLK – fOUT. Assuming the differential device clock
has perfect phase and amplitude balance, the image at fCLK – fOUT
can be eliminated altogether. Phase imbalance can be compensated
in the device clock receiver of the AD9166. See the Clock Input
section for more details.
Because the FIR85 interpolator is sampling at a higher rate, it
also consumes more power when compared to a similar NRZ
mode, RZ mode, or mix mode.
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
00.4
fCLK
0.8
fCLK
1.2
fCLK
1.6
fCLK
2.0
fCLK
FREQUENCY (Hz)
NRZ MODE
2× NRZ MODE
MIX MODE
RZ MODE
Figure 88. Sinc Roll-Off for 2× NRZ, NRZ, RZ, and Mix Mode Operation
CLOCK INPUT
The AD9166 contains a low jitter, differential clock receiver that
is capable of interfacing directly to a differential or single-ended
clock source. Because the input is self biased with a nominal
impedance of 90 Ω, it is recommended that the clock source be
ac-coupled to the CLK± input pins. The nominal differential input
is 1 V p-p, but the clock receiver can operate with a span that
ranges from 250 mV p-p to 2.0 V p-p.
Higher clock input level results in improved phase noise (phase
jitter) performance, because the higher swing results in a higher
slew rate (faster rise time).
CLK+
TO DAC
AND DLL
CLK–
1.25V
5kΩ
5kΩ
40kΩ
16µA
DUTY CYCLE
RESTORER
CROSS
CONTROL
Figure 89. Clock Input
The quality of the clock source, as well as its interface to the
AD9166 clock input, directly impacts ac performance. Select the
phase noise and spur characteristics of the clock source to meet
the target application requirements. Phase noise and spurs at a
given frequency offset on the clock source are directly translated
to the output signal. Specifically, it can be shown that the phase
noise characteristics of a reconstructed output sine wave are
related to the clock source by 20 × log10 (fOUT/fDAC) when the
internal device clock path contribution is negligible.
Figure 90 shows a clock source based on the ADF4372 low phase
noise/jitter PLL. The ADF4372 can provide output frequencies
from 62.5 MHz up to 16,000 MHz using the RF16x port and up
to 8,000 MHz using the RF8x or RFAUX8x ports.
Adjusting Clock Duty-Cycle and Differential Phase
Imbalance
The clock control registers exist at Register 0x082 through
Register 0x084. CLK_DUTY (Register 0x082) can be used to
enable duty cycle correction (Bit 7), enable duty cycle offset
control (Bit 6), and set the duty cycle offset (Bits[4:0]). The duty
cycle offset word is a signed magnitude word, with Bit 4 as the
sign bit (1 is negative) and Bits[3:0] as the magnitude. The duty
cycle adjusts across a range of approximately ±3%. Recommended
settings for this register are listed in the Start-Up Sequence section.
VCO
PLL
ADF4372
fREF
2GHz TO 6GHz
0dBm
100pF
7.4nH
VOUT
VOUT
7.4nH
100pF
AD9166
CLK+
CLK–
OUTPUT
STAGE
Figure 90. Possible Signal Chain for CLK± Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com