Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 87 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9166 Datasheet HTML 83Page - Analog Devices AD9166 Datasheet HTML 84Page - Analog Devices AD9166 Datasheet HTML 85Page - Analog Devices AD9166 Datasheet HTML 86Page - Analog Devices AD9166 Datasheet HTML 87Page - Analog Devices AD9166 Datasheet HTML 88Page - Analog Devices AD9166 Datasheet HTML 89Page - Analog Devices AD9166 Datasheet HTML 90Page - Analog Devices AD9166 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 87 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
110 Automatically generate
FTW_LOAD_REQ after FTW5 is
written.
3
Reserved
Reserved.
0x0
R
2
FTW_LOAD_SYSREF
FTW load and reset from rising
edge of SYSREF±.
0x0
R/W
1
FTW_LOAD_ACK
Frequency tuning word
update acknowledge.
0x0
R
0 FTW is not loaded.
1 FTW is loaded.
0
FTW_LOAD_REQ
Frequency tuning word
update request from SPI.
0x0
R/W
0 Clear FTW_LOAD_ACK.
1 0 to 1 transition loads the
FTW.
0x114
FTW0
[7:0] FTW[7:0]
NCO frequency tuning word.
This is X in the equation fOUT =
fCLK × (M/N) = fCLK × ((X +
A/B)/248).
0x0
R/W
0x115
FTW1
[7:0] FTW[15:8]
NCO frequency tuning word.
This is X in the equation fOUT =
fCLK × (M/N) = fCLK × ((X +
A/B)/248).
0x0
R/W
0x116
FTW2
[7:0] FTW[23:16]
NCO frequency tuning word.
This is X in the equation fOUT =
fCLK × (M/N) = fCLK × ((X +
A/B)/248).
0x0
R/W
0x117
FTW3
[7:0] FTW[31:24]
NCO frequency tuning word.
This is X in the equation fOUT =
fCLK × (M/N) = fCLK × ((X +
A/B)/248).
0x0
R/W
0x118
FTW4
[7:0] FTW[39:32]
NCO frequency tuning word.
This is X in the equation fOUT =
fCLK × (M/N) = fCLK × ((X +
A/B)/248).
0x0
R/W
0x119
FTW5
[7:0] FTW[47:40]
NCO frequency tuning word.
This is X in the equation fOUT =
fCLK × (M/N) = fCLK × ((X +
A/B)/248).
0x0
R/W
0x11C
PHASE_OFFSET0
[7:0] NCO_PHASE_OFFSET[7:0]
NCO phase offset.
0x0
R/W
0x11D
PHASE_OFFSET1
[7:0] NCO_PHASE_OFFSET[15:8]
NCO phase offset.
0x0
R/W
0x124
ACC_MODULUS0
[7:0] ACC_MODULUS[7:0]
DDS modulus. This is B in the
equation fOUT = fCLK × (M/N) = fCLK
× ((X + A/B)/248). This modulus
value is used for all NCO FTWs.
0x0
R/W
0x125
ACC_MODULUS1
[7:0] ACC_MODULUS[15:8]
DDS modulus. This is B in the
equation fOUT = fCLK × (M/N) = fCLK
× ((X + A/B)/248). This modulus
value is used for all NCO FTWs.
0x0
R/W
0x126
ACC_MODULUS2
[7:0] ACC_MODULUS[23:16]
DDS modulus. This is B in the
equation fOUT = fCLK × (M/N) =
fCLK × ((X + A/B)/248). This
modulus value is used for all
NCO FTWs.
0x0
R/W
0x127
ACC_MODULUS3
[7:0] ACC_MODULUS[31:24]
DDS modulus. This is B in the
equation fOUT = fCLK × (M/N) =
fCLK × ((X + A/B)/248). This
modulus value is used for all
NCO FTWs.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com