Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 85 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9166 Datasheet HTML 81Page - Analog Devices AD9166 Datasheet HTML 82Page - Analog Devices AD9166 Datasheet HTML 83Page - Analog Devices AD9166 Datasheet HTML 84Page - Analog Devices AD9166 Datasheet HTML 85Page - Analog Devices AD9166 Datasheet HTML 86Page - Analog Devices AD9166 Datasheet HTML 87Page - Analog Devices AD9166 Datasheet HTML 88Page - Analog Devices AD9166 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 85 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
0
DLL_ENABLE
Controller enable.
0x0
R/W
0 Disable DLL controller: use
static SPI settings.
1 Enable DLL controller: use
controller with feedback loop.
0x092
DLL_STATUS
[7:3] Reserved
Reserved.
0x0
R
2
DLL_FAIL
The device clock DLL failed to
lock.
0x0
R
1
DLL_LOST
The device clock DLL has lost
lock.
0x0
R/W
0
DLL_LOCKED
The device clock DLL has
achieved lock.
0x0
R
0x093
DLL_GB
[7:4] Reserved
Reserved.
0x0
R
[3:0] DLL_GUARD
Search guard band.
0x0
R/W
0x094
DLL_COARSE
[7:6] Reserved
Reserved.
0x0
R
[5:0] DLL_COARSE
Coarse delay line setpoint.
0x0
R/W
0x095
DLL_FINE
[7:0] DLL_FINE
Fine delay line setpoint.
0x80
R/W
0x096
DLL_PHASE
[7:5] Reserved
Reserved.
0x0
R
[4:0] DLL_PHS
Desired phase.
0x8
R/W
0 Minimum allowed phase.
16 Maximum allowed phase.
0x097
DLL_BW
[7:5] Reserved
Reserved.
0x0
R
[4:2] DLL_FILT_BW
Phase measurement filter
bandwidth.
0x0
R/W
[1:0] DLL_WEIGHT
Tracking speed.
0x0
R/W
0x098
DLL_READ
[7:1] Reserved
Reserved.
0x0
R
0
DLL_READ
Read request: 0 to 1 transition
updates the coarse, fine, and
phase readback values.
0x0
R/W
0x099
DLL_COARSE_RB
[7:6] Reserved
Reserved.
0x0
R
[5:0] DLL_COARSE_RB
Coarse delay line readback.
0x0
R
0x09A
DLL_FINE_RB
[7:0] DLL_FINE_RB
Fine delay line readback.
0x0
R
0x09B
DLL_PHASE_RB
[7:5] Reserved
Reserved.
0x0
R
[4:0] DLL_PHS_RB
Phase readback.
0x0
R
0x09D
DIG_CLK_INVERT
[7:3] Reserved
Reserved.
0x0
R
2
INV_DIG_CLK
Invert digital clock from DLL.
0x0
R/W
0 Normal polarity.
1 Inverted polarity.
1
DIG_CLK_DC_EN
Digital clock duty cycle
correction enable.
0x1
R/W
0
DIG_CLK_XC_EN
Digital clock cross control
enable.
0x1
R/W
0x0A0
DLL_CLK_DEBUG
7
DLL_TEST_EN
DLL clock output test enable.
0x0
R/W
[6:2] Reserved
Reserved.
0x0
R
[1:0] DLL_TEST_DIV
DLL clock output divide.
0x0
R/W
0x110
INTERP_MODE
[7:4] JESD_LANES
Number of JESD204B lanes.
For proper operation of the
JESD204B data link, this signal
must only be programmed
while the QBD is held in soft
reset (Register 0x475, Bit 3),
and must not be changed
during normal operation.
0x8
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com