Electronic Components Datasheet Search
  English  ▼

X  

AD9166 Datasheet(PDF) 101 Page - Analog Devices

Part # AD9166
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166 Datasheet(HTML) 101 Page - Analog Devices

Back Button AD9166 Datasheet HTML 97Page - Analog Devices AD9166 Datasheet HTML 98Page - Analog Devices AD9166 Datasheet HTML 99Page - Analog Devices AD9166 Datasheet HTML 100Page - Analog Devices AD9166 Datasheet HTML 101Page - Analog Devices AD9166 Datasheet HTML 102Page - Analog Devices AD9166 Datasheet HTML 103Page - Analog Devices AD9166 Datasheet HTML 104Page - Analog Devices AD9166 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 101 of 138
Hex.
Addr.
Register Name
Bit
No.
Bit Name
Settings
Description
Reset
Access
0x31E
PHY_DATA_SNAPSHOT_CTRL
[7:5] Reserved
Reserved.
0x0
R
[4:2] PHY_GRAB_LANE_SEL
Select from which PHY lane to
grab data.
0x0
R/W
000 Grab data from Lane 0.
001 Grab data from Lane 1.
010 Grab data from Lane 2.
011 Grab data from Lane 3.
100 Grab data from Lane 4.
101 Grab data from Lane 5.
110 Grab data from Lane 6.
111 Grab data from Lane 7.
1
PHY_GRAB_MODE
Use error trigger to grab data.
0x0
R/W
0 Grab data when
PHY_GRAB_DATA is set.
1 Grab data upon bit error.
0
PHY_GRAB_DATA
Transition from 0 to 1 causes
logic to store current receive
data from one lane.
0x0
R/W
0x31F
PHY_SNAPSHOT_DATA_BYTE0 [7:0] PHY_SNAPSHOT_DATA_BYTE0
Stores a single byte,
PHY_SNAPSHOT_DATA,
Bits[7:0], of a 40-bit snapshot
(PHY_SNAPSHOT_DATA,
Bits[39:0]) as received on a
single PHY lane. The lane to be
captured and the capture
method is defined in
Register 0x31E.
0x0
R
0x320
PHY_SNAPSHOT_DATA_
BYTE1
[7:0] PHY_SNAPSHOT_DATA_BYTE1
Stores a single byte,
PHY_SNAPSHOT_DATA,
Bits[15:8], of a 40-bit snapshot
(PHY_SNAPSHOT_DATA,
Bits[39:0]) as received on a
single PHY lane. The lane to be
captured and the capture
method is defined in
Register 0x31E.
0x0
R
0x321
PHY_SNAPSHOT_DATA_
BYTE2
[7:0] PHY_SNAPSHOT_DATA_BYTE2
Stores a single byte,
PHY_SNAPSHOT_DATA,
Bits[23:16], of a 40-bit
snapshot (PHY_SNAPSHOT_
DATA, Bits[39:0]) as received
on a single PHY lane. The lane
to be captured and the
capture method is defined in
Register 0x31E.
0x0
R
0x322
PHY_SNAPSHOT_DATA_
BYTE3
[7:0] PHY_SNAPSHOT_DATA_BYTE3
Stores a single byte,
PHY_SNAPSHOT_DATA,
Bits[31:24], of a 40-bit
snapshot (PHY_SNAPSHOT_
DATA, Bits[39:0]) as received
on a single PHY lane. The lane
to be captured and the
capture method is defined in
Register 0x31E.
0x0
R
0x323
PHY_SNAPSHOT_DATA_
BYTE4
[7:0] PHY_SNAPSHOT_DATA_BYTE4
Stores a single byte,
PHY_SNAPSHOT_DATA,
Bits[39:32], of a 40-bit
snapshot (PHY_SNAPSHOT_
DATA, Bits[39:0]) as received
on a single PHY lane. The lane
to be captured and the
capture method is defined in
Register 0x31E.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com