Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 25 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 25 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 21Page - PMC-Sierra, Inc PM5356 Datasheet HTML 22Page - PMC-Sierra, Inc PM5356 Datasheet HTML 23Page - PMC-Sierra, Inc PM5356 Datasheet HTML 24Page - PMC-Sierra, Inc PM5356 Datasheet HTML 25Page - PMC-Sierra, Inc PM5356 Datasheet HTML 26Page - PMC-Sierra, Inc PM5356 Datasheet HTML 27Page - PMC-Sierra, Inc PM5356 Datasheet HTML 28Page - PMC-Sierra, Inc PM5356 Datasheet HTML 29Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
15
When used to implement an ATM UNI or NNI, ATM cells are written to an internal
four cell FIFO using a 16-bit wide UTOPIA Level 2 (clocked up to 50 MHz) or an
8-bit wide UTOPIA Level 3 (clocked up to 100 MHz) datapath interface.
Idle/unassigned cells are automatically inserted when the internal FIFO contains
less than one complete cell. The S/UNI-622-MAX provides generation of the
header check sequence and scrambles the payload of the ATM cells. Each of
these transmit ATM cell processing functions can be enabled or bypassed.
No line rate clocks are required directly by the S/UNI-622-MAX as it synthesizes
the transmit clock and recovers the receive clock using a 77.76 MHz reference
clock. The S/UNI-622-MAX outputs a differential PECL line data (TXD+/-).
The S/UNI-622-MAX is configured, controlled and monitored via a generic 8-bit
microprocessor bus interface. The S/UNI-622-MAX also provides a standard 5
signal IEEE 1149.1 JTAG test port for boundary scan board test purposes.
The S/UNI-622-MAX is implemented in low power, +3.3 Volt, CMOS technology.
It has TTL compatible digital inputs and TTL/CMOS compatible digital outputs.
High speed inputs and outputs support 3.3V and 5.0V compatible pseudo-ECL
(PECL). The S/UNI-622-MAX is packaged in a 304 pin SBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com