Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 29 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 29 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 25Page - PMC-Sierra, Inc PM5356 Datasheet HTML 26Page - PMC-Sierra, Inc PM5356 Datasheet HTML 27Page - PMC-Sierra, Inc PM5356 Datasheet HTML 28Page - PMC-Sierra, Inc PM5356 Datasheet HTML 29Page - PMC-Sierra, Inc PM5356 Datasheet HTML 30Page - PMC-Sierra, Inc PM5356 Datasheet HTML 31Page - PMC-Sierra, Inc PM5356 Datasheet HTML 32Page - PMC-Sierra, Inc PM5356 Datasheet HTML 33Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
19
9.2
Parallel Line Side Interface Signals - CRU and CSU Bypass
Pin Name
Type
Pin
No.
Function
LIFSEL
Input
C23
The line interface select (LIFSEL) selects between
serial and parallel line interface modes of operation.
When tied high, the parallel mode is selected by-
passing the clock and data recovery, clock synthesis
and the serializer/de-serializer functions.
When tied low, serial mode is selected, enabling clock
and data recovery, clock synthesis and the
serializer/de-serializer functions. During this
operation, the parallel interface may be used for 1+1
APS operation. See the Operation section for more
discussion of 1+1 APS support.
PICLK
Input
AC19
The parallel input clock (PICLK) provides timing for
S/UNI-622-MAX receive function operation when the
device is configured for the parallel interface mode of
operation.
When the RSOC3 bit is set high, PICLK is a 19.44
MHz nominally 50% duty cycle clock. When the
RSOC3 bit is set low, PICLK is a 77.76 MHz
nominally 50% duty cycle clock.
When parallel operation is not used, PICLK may be
used for 1+1 APS operation. See the Operation
section for more discussion of 1+1 APS.
OOF
Output
AA18
The out of frame (OOF) signal is high while the
S/UNI-622-MAX is out of frame. OOF is set low while
the S/UNI-622-MAX is in-frame. An out of frame
declaration occurs when four consecutive errored
framing patterns (A1 and A2 bytes) have been
received.
OOF is intended to enable an upstream framing
pattern detector to search for the framing pattern.
This alarm indication is also available via register
access. OOF is an asynchronous output with a
minimum period of one PICLK clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com