Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 82 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 82 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 78Page - PMC-Sierra, Inc PM5356 Datasheet HTML 79Page - PMC-Sierra, Inc PM5356 Datasheet HTML 80Page - PMC-Sierra, Inc PM5356 Datasheet HTML 81Page - PMC-Sierra, Inc PM5356 Datasheet HTML 82Page - PMC-Sierra, Inc PM5356 Datasheet HTML 83Page - PMC-Sierra, Inc PM5356 Datasheet HTML 84Page - PMC-Sierra, Inc PM5356 Datasheet HTML 85Page - PMC-Sierra, Inc PM5356 Datasheet HTML 86Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
72
DLE:
The Diagnostic Loopback, DLE bit enables the S/UNI-622-MAX diagnostic
loopback where the S/UNI-622-MAX’s Transmit ATM (TXCP) are directly
connected to the Receive ATM (RXCP). When DLE is logic one, loopback is
enabled. Under this operating condition, the S/UNI-622-MAX does not
operate normally in the transmit direction or receive direction. When DLE is
logic zero, the S/UNI-622-MAX operates normally.
TFPEN:
The Transmit Frame Pulse Enable (TFPEN) enables the TFPI input. When
TFPEN is set low, the TFPI input is disabled. When TFPEN is set high, the
TFPI input is enabled.
SDH_J0/Z0
The SDH_J0/Z0 bit selects whether to insert SONET or SDH format J0/Z0
section overhead bytes into the transmit stream. When SDH_J0/Z0 is set
high, SDH format J0/Z0 bytes are selected for insertion. For this case, all the
J0/Z0 bytes are forced to the value programmed in the S/UNI-622-MAX
Transmit J0/Z0 register. When SDH_J0/Z0 is set low, SONET format J0/Z0
bytes are selected for insertion. For this case, the J0/Z0 bytes of a STS-N
signal are numbered incrementally from 1 to N.
When SDH_J0/Z0 is set high, the transmit section trace buffer enable bit,
TSTBEN can be used to overwrite the first J0/Z0 byte of a STS-N signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com