Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 27 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 27 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 23Page - PMC-Sierra, Inc PM5356 Datasheet HTML 24Page - PMC-Sierra, Inc PM5356 Datasheet HTML 25Page - PMC-Sierra, Inc PM5356 Datasheet HTML 26Page - PMC-Sierra, Inc PM5356 Datasheet HTML 27Page - PMC-Sierra, Inc PM5356 Datasheet HTML 28Page - PMC-Sierra, Inc PM5356 Datasheet HTML 29Page - PMC-Sierra, Inc PM5356 Datasheet HTML 30Page - PMC-Sierra, Inc PM5356 Datasheet HTML 31Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
17
9
PIN DESCRIPTION
9.1
Serial Line Side Interface Signals
Pin Name
Type
Pin
No.
Function
RBYP
Input
E21
The receive bypass (RBYP) input disables clock
recovery. If RBYP is high, RXD+/- is sampled on the
rising edge of RRCLK+/-. If RBYP is low, the receive
clock is recovered from the RXD+/- bit stream.
Please refer to the Operation section for a discussion
of the operating modes.
PECLV
Input
D22
The PECL signal voltage select (PELCV) selects
between 3.3V PECL signaling and 5V PECL signaling
for the PECL inputs. When PECLV is low, the PECL
inputs expect a 5V PECL signal. When PECLV is
high, the PECL inputs expect a 3.3V PECL signal.
The PECL biasing pins PBIAS should be set to the
appropriate voltage to prevent latchup.
Please refer to the Operation section for a discussion
of PECL interfacing issues.
REFCLK+
REFCLK-
Differential
PECL
Input
Y2
AA1
The differential reference clock inputs (REFCLK+/-)
provides a jitter-free 77.76 MHz reference clock for
both the clock recovery and the clock synthesis
circuits. REFCLK+/- is not required if the clock
recovery and clock synthesis features are not used.
Please refer to the Operation section for a discussion
of PECL interfacing issues and reference clocks.
RXD+
RXD-
Differential
PECL
Input
W1
V2
The receive differential data PECL inputs (RXD+/-)
contain the NRZ bit serial receive stream. The
receive clock is recovered from the RXD+/- bit stream
when RBYP is set low. RXD+/- is sampled on the
rising edge of RRCLK+/- when RBYP is set high.
Please refer to the Operation section for a discussion
of PECL interfacing issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com