Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 28Page - PMC-Sierra, Inc PM5356 Datasheet HTML 29Page - PMC-Sierra, Inc PM5356 Datasheet HTML 30Page - PMC-Sierra, Inc PM5356 Datasheet HTML 31Page - PMC-Sierra, Inc PM5356 Datasheet HTML 32Page - PMC-Sierra, Inc PM5356 Datasheet HTML 33Page - PMC-Sierra, Inc PM5356 Datasheet HTML 34Page - PMC-Sierra, Inc PM5356 Datasheet HTML 35Page - PMC-Sierra, Inc PM5356 Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
22
9.3
Clocks and Alarms Signals
Pin Name
Type
Pin
No.
Function
RCLK
Output
AC20
The receive clock (RCLK) provides a timing reference
for the S/UNI-622-MAX receive function outputs.
RCLK is a 77.76 MHz, 50% duty cycle clock.
RFPO
Output
AB19
The receive frame pulse output (RFPO), when the
framing alignment has been found (the OOF register
bit is low), is an 8 kHz signal derived from the receive
clock RCLK. RFPO pulses high for one RCLK cycle
every 9720 RCLK cycles (STS-12c / STM-4-4c).
RFPO is updated on the rising edge of RCLK.
RALRM
Output
AA19
The receive alarm (RALRM) output indicates the state
of the receive framing. RALRM is low if no receive
alarms are active. RALRM is optionally high if line
AIS (LAIS), path AIS (PAIS), line RDI (LRDI), path
RDI (PRDI), enhanced path RDI (PERDI), loss of
signal (LOS), loss of frame (LOF), out of frame
(OOF), loss of pointer (LOP), loss of pointer
concatenation (LOPC/AISC), loss of cell delineation
(LCD), signal fail BER (SFBER), signal degrade BER
(SDBER), path trace identification mismatch (TIM) or
path signal label mismatch (PSLM) is detected .
RALRM is an asynchronous output with a minimum
period of one RCLK clock.
TCLK
Output
B19
The transmit clock (TCLK) provides timing for the
S/UNI-622-MAX transmit function operation. TCLK is
a 77.76 MHz, 50% duty cycle clock.
TFPO
Output
A20
The active-high framing position output (TFPO) signal
is an 8 kHz signal derived from the transmit clock
TCLK. TFPO pulses high for one TCLK cycle every
9720 TCLK cycles (STS-12c / STM-4-4c).
TFPO is updated on the rising edge of TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com