Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 68Page - PMC-Sierra, Inc PM5356 Datasheet HTML 69Page - PMC-Sierra, Inc PM5356 Datasheet HTML 70Page - PMC-Sierra, Inc PM5356 Datasheet HTML 71Page - PMC-Sierra, Inc PM5356 Datasheet HTML 72Page - PMC-Sierra, Inc PM5356 Datasheet HTML 73Page - PMC-Sierra, Inc PM5356 Datasheet HTML 74Page - PMC-Sierra, Inc PM5356 Datasheet HTML 75Page - PMC-Sierra, Inc PM5356 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
62
10.12.2
Transmit ATM Interface
The ATM Transmit FIFO (TXCP) provides FIFO management and the S/UNI-622-
MAX transmit cell interface. The transmit FIFO contains four cells. The FIFO
depth may be programmed to four, three, two, or one cells. The FIFO provides
the cell rate decoupling function between the transmission system physical layer
and the ATM layer.
In general, the management functions include emptying cells from the transmit
FIFO, indicating when the transmit FIFO is full, maintaining the transmit FIFO
read and write pointers and detecting a FIFO overrun condition.
The interface can be configured either as a 16-bit UTOPIA Level 2 interface, or
as an 8-bit UTOPIA Level 3 interface.
UTOPIA Level 2 Interface
The UTOPIA Level 2 compliant interface accepts a write clock (TFCLK), a write
enable signal (TENB), the start of a cell (TSOC) indication, and the parity bit
(TPRTY), when data is written to the transmit FIFO (using the rising edges of
TFCLK). The interface provides the transmit cell available status (TCA) which
can transition from "available" to "unavailable" when the transmit FIFO is near full
(when TCALEVEL0 is low) or when the FIFO is full (when TCALEVEL0 is high)
and can accept no more writes. To reduce FIFO latency, the FIFO depth at which
TCA indicates "full" can be set to one, two, three or four cells by the FIFODP[1:0]
bits of the TXCP Configuration 2 register. If the programmed depth is less than
four, more than one cell may be written after TCA is asserted as the TXCP still
allows four cells to be stored in its FIFO.
This interface also indicates FIFO overruns via a maskable interrupt and register
bit, but write accesses while TCA is low are not processed. The TXCP
automatically transmits idle cells until a full cell is available to be transmitted.
UTOPIA Level 3 Interface
The UTOPIA Level 3 compliant interface accepts a write clock (TFCLK), a write
enable signal (TENB), the start of a cell (TSOC) indication and the parity bit
(TPRTY) when data is written to the transmit FIFO (using the rising edges of the
TFCLK). To reduce FIFO latency, the FIFO depth at which TCA indicates “full”
can be set to one, two, three or four cells by the FIFODP[1:0] bits of the TXCP
Configuration 2 register. If the programmed depth is less than four, more than
one cell may be written after TCA is asserted as the TXCP still allows four cells to
be stored in its FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com