Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 56 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 56 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 52Page - PMC-Sierra, Inc PM5356 Datasheet HTML 53Page - PMC-Sierra, Inc PM5356 Datasheet HTML 54Page - PMC-Sierra, Inc PM5356 Datasheet HTML 55Page - PMC-Sierra, Inc PM5356 Datasheet HTML 56Page - PMC-Sierra, Inc PM5356 Datasheet HTML 57Page - PMC-Sierra, Inc PM5356 Datasheet HTML 58Page - PMC-Sierra, Inc PM5356 Datasheet HTML 59Page - PMC-Sierra, Inc PM5356 Datasheet HTML 60Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
46
errors that were detected in the last frame by the far end. The FEBE code value
has 97 legal values (0 to 96) for an STS-12c/STM-4-4c stream.
Illegal values
are interpreted as zero errors.
The Error Monitor Block accumulates B2 error events and FEBE events in two
20-bit saturating counters that can be read via the CBI. The contents of these
counters may be transferred to internal holding registers by writing to any one of
the counter addresses, or by using the TIP register bit feature. During a transfer,
the counter value is latched and the counter is reset to 0 (or 1, if there is an
outstanding event). Note, these counters should be polled at least once per
second to avoid saturation.
The B2 error event counters optionally can be configured to accumulate only
"word" errors. A B2 word error is defined as the occurrence of one or more B2 bit
error events during a frame. The B2 error counter is incremented by one for
each frame in which a B2 word error occurs.
In addition the FEBE events counters optionally can be configured to accumulate
only "word" events. A FEBE word event is defined as the occurrence of one or
more FEBE bit events during a frame. The FEBE event counter is incremented
by one for each frame in which a FEBE event occurs. If the extracted FEBE
value is in the range 1 to 4 the FEBE event counter will be incremented for each
and every FEBE bit. If the extracted FEBE value is greater than 4 the FEBE
event counter will be incremented by 4.
10.4 The Receive APS, Synchronization Extractor and Bit Error Monitor (RASE)
Automatic Protection Switch Control
The Automatic Protection Switch (APS) control block filters and captures the
receive automatic protection switch channel bytes (K1 and K2) allowing them to
be read via the RASE APS K1 Register and the RASE APS K2 Register. The
bytes are filtered for three frames before being written to these registers. A
protection switching byte failure alarm is declared when twelve successive
frames have been received, where no three consecutive frames contain identical
K1 bytes. The protection switching byte failure alarm is removed upon detection
of three consecutive frames containing identical K1 bytes. The detection of
invalid APS codes is done in software by polling the RASE APS K1 Register and
the RASE APS K2 Register.
Bit Error Rate Monitor
The Bit Error Monitor Block (BERM) calculates the received line BIP-96 error
detection code (B2) based on the line overhead and synchronous payload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com