Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 82Page - PMC-Sierra, Inc PM5356 Datasheet HTML 83Page - PMC-Sierra, Inc PM5356 Datasheet HTML 84Page - PMC-Sierra, Inc PM5356 Datasheet HTML 85Page - PMC-Sierra, Inc PM5356 Datasheet HTML 86Page - PMC-Sierra, Inc PM5356 Datasheet HTML 87Page - PMC-Sierra, Inc PM5356 Datasheet HTML 88Page - PMC-Sierra, Inc PM5356 Datasheet HTML 89Page - PMC-Sierra, Inc PM5356 Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
76
TFCLKA:
The TFCLK active (TFCLKA) bit monitors for low to high transition on the
TFCLK transmit system interface clock input. TFCLKI is set high on a rising
edge of PTLCK and is set low when this register is read.
RFCLKA:
The RFCLK active (RFCLKA) bit monitors for low to high transition on the
RFCLK receive system interface clock input. RFCLKA is set high on a rising
edge of RFCLK and is set low when this register is read.
RCLKA:
The RCLK active (RCLKA) bit monitors for low to high transition on the RCLK
receive line rate clock. RCLKA is set high on a rising edge of RCLK and is
set low when this register is read.
TCLKA:
The TCLK active (TCLKA) bit monitors for low to high transition on the TCLK
transmit line rate clock. TCLKA is set high on a rising edge of TCLK and is
set low when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com