Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 93Page - PMC-Sierra, Inc PM5356 Datasheet HTML 94Page - PMC-Sierra, Inc PM5356 Datasheet HTML 95Page - PMC-Sierra, Inc PM5356 Datasheet HTML 96Page - PMC-Sierra, Inc PM5356 Datasheet HTML 97Page - PMC-Sierra, Inc PM5356 Datasheet HTML 98Page - PMC-Sierra, Inc PM5356 Datasheet HTML 99Page - PMC-Sierra, Inc PM5356 Datasheet HTML 100Page - PMC-Sierra, Inc PM5356 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
87
ALRMPRDI:
The Line Alarm Indication Signal PRDI (ALRMPRDI) controls the insertion of
a Path RDI in the transmit data stream upon detection of one of the following
alarm conditions: Loss of Signal (LOS), Loss of Frame (LOF) and Line Alarm
Indication Signal (LAIS). When ALRMPRDI is set high, the transmit line RDI
will be inserted When ALRMPRDI is set low, no action is taken. This register
bit is used only if the AUTOPRDI register bit is also set high.
LCDPRDI:
The Loss of ATM Cell Delineation Signal PRDI (LCDPRDI) controls the
insertion of a Path RDI in the transmit data stream upon detection of this
alarm. When LCDPRDI is set high, the transmit path RDI will be inserted.
When LCDPRDI is set low, no action is taken. This register bit is used only if
the AUTOPRDI register bit is also set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com