Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 28 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 28 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 24Page - PMC-Sierra, Inc PM5356 Datasheet HTML 25Page - PMC-Sierra, Inc PM5356 Datasheet HTML 26Page - PMC-Sierra, Inc PM5356 Datasheet HTML 27Page - PMC-Sierra, Inc PM5356 Datasheet HTML 28Page - PMC-Sierra, Inc PM5356 Datasheet HTML 29Page - PMC-Sierra, Inc PM5356 Datasheet HTML 30Page - PMC-Sierra, Inc PM5356 Datasheet HTML 31Page - PMC-Sierra, Inc PM5356 Datasheet HTML 32Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
18
Pin Name
Type
Pin
No.
Function
RRCLK+
RRCLK-
Differential
PECL
Input
U1
U2
When clock recovery is bypassed (RBYP set high),
RRCLK+/- is nominally a 622.08 MHz 50% duty cycle
clock and provides timing for the S/UNI-622-MAX
receive functions. In this case, RXD+/- is sampled on
the rising edge of RRCLK+/-. RRCLK+/- is ignored
when RBYP is set low.
Please refer to the Operation section for a discussion
of PECL interfacing issues.
SD
PECL
Input
R2
The receive signal detect PECL input (SD) indicates
the presence of valid receive signal power from the
Optical Physical Medium Dependent Device. A PECL
logic high indicates the presence of valid data. A
PECL logic low indicates a loss of signal.
Please refer to the Operation section for a discussion
of PECL interfacing issues
TXD+
TXD-
Differential
PECL
Output
L2
L1
The transmit differential data PECL outputs (TXD+/-)
contain the 622.08 Mbit/s transmit stream. The
TXD+/- outputs are driven using the synthesized
clock from the CSU-622.
Please refer to the Operation section for a discussion
of PECL interfacing issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com