Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 41Page - PMC-Sierra, Inc PM5356 Datasheet HTML 42Page - PMC-Sierra, Inc PM5356 Datasheet HTML 43Page - PMC-Sierra, Inc PM5356 Datasheet HTML 44Page - PMC-Sierra, Inc PM5356 Datasheet HTML 45Page - PMC-Sierra, Inc PM5356 Datasheet HTML 46Page - PMC-Sierra, Inc PM5356 Datasheet HTML 47Page - PMC-Sierra, Inc PM5356 Datasheet HTML 48Page - PMC-Sierra, Inc PM5356 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
35
9.8
Power and Ground
Pin Name
Type
Pin
No.
Function
VBIAS[0]
VBIAS[1]
Bias
Voltage
W20
E20
Digital input biases (VBIAS). When tied to +5V, the
VBIAS inputs are used to bias the wells of the digital
inputs so that the pads can tolerate up to 5V on their
inputs without forward biasing internal ESD protection
devices. When VBIAS are tied to +3.3V, the digital
inputs will only tolerate 3.3V level voltages.
The system interface inputs (RFCLK, RENB, TFCLK,
TENB, TDAT[15:0], TMOD, TERR, TSOC/TSOP,
TEOP and TPRTY) do not use the bias voltages and
are 3.3V tolerant only.
PBIAS[0]
PBIAS[1]
PBIAS[2]
PBIAS[3]
Bias
Voltage
W2
V3
R3
M2
PECL input biases (PBIAS). When tied to +5V, the
PBIAS inputs are used to bias the wells in the PECL
inputs and output so that the pads can tolerate up to
5V without forward biasing internal ESD protection
devices. When the PBIAS inputs are tied to +3.3V,
the pads will only tolerate 3.3V level voltages.
PBIAS[0]
REFCLK+/- Input
PBIAS[1]
RXD+/- Input
PBIAS[2]
RRCLK+/- Input
PBIAS[3]
TXD+/- Output
Please see the Operation section for detailed
information on PECL interfacing issues.
QAVD[0]
QAVD[1]
Analog
Power
E3
R1
The quiet power (QAVD) pins for the analog core.
QAVD should be connected to well-decoupled analog
+3.3V supply.
Please see the Operation section for detailed
information.
QAVS[0]
QAVS[1]
Analog
Ground
D1
P4
The quiet ground (QAVS) pins for the analog core.
QAVS should be connected to analog ground of the
QAVD supply.
Please see the Operation section for detailed
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com