Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 36Page - PMC-Sierra, Inc PM5356 Datasheet HTML 37Page - PMC-Sierra, Inc PM5356 Datasheet HTML 38Page - PMC-Sierra, Inc PM5356 Datasheet HTML 39Page - PMC-Sierra, Inc PM5356 Datasheet HTML 40Page - PMC-Sierra, Inc PM5356 Datasheet HTML 41Page - PMC-Sierra, Inc PM5356 Datasheet HTML 42Page - PMC-Sierra, Inc PM5356 Datasheet HTML 43Page - PMC-Sierra, Inc PM5356 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
30
Pin Name
Type
Pin
No.
Function
RENB
Input
N23
The UTOPIA receive read enable (RENB) is used to
initiate reads from the receive FIFO. The system may
de-assert RENB if it is unable to accept more data.
In 16-bit Level 2 ATM mode, a read is not performed
and RDAT[15:0], RPRTY and RSOC will tristate when
RENB is sampled high. When RENB is sampled low,
the word on the RDAT[15:0] bus is read from the
receive FIFO and changes to the next value on the
next clock cycle.
In 8-bit Level 3 ATM mode, a read is not performed
and RDAT[7:0] does not change when RENB is
sampled high. When RENB is sampled low, the word
on the RDAT[7:0] bus is read from the receive FIFO
and changes to the next value on the next clock
cycle.
RENB is sampled on the rising edge of RFCLK.
RCA
Output
N20
The UTOPIA receive cell available (RCA) provides
direct status indication of when a cell is available in
the receive FIFO.
In 16-bit Level 2 mode, RCA can be configured to de-
assert when either zero or four bytes remain in the
FIFO. RCA will thus transition low on the rising edge
of RFCLK after payload word 24 or 19 is output on
the RDAT[15:0] bus depending on the RXCP
registers.
In 8-bit Level 3 mode, RCA is ignored as the RVAL
signal identifies valid data on the RDAT[7:0] bus.
RCA is updated on the rising edge of RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com