Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 31Page - PMC-Sierra, Inc PM5356 Datasheet HTML 32Page - PMC-Sierra, Inc PM5356 Datasheet HTML 33Page - PMC-Sierra, Inc PM5356 Datasheet HTML 34Page - PMC-Sierra, Inc PM5356 Datasheet HTML 35Page - PMC-Sierra, Inc PM5356 Datasheet HTML 36Page - PMC-Sierra, Inc PM5356 Datasheet HTML 37Page - PMC-Sierra, Inc PM5356 Datasheet HTML 38Page - PMC-Sierra, Inc PM5356 Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
Pin Name
Type
Pin
No.
Function
TFCLK
Input
M22
UTOPIA transmit FIFO write clock (TFCLK) is used to
write ATM cells to the four cell transmit FIFO.
When in 16-bit Level 2 ATM mode, TFCLK must cycle
at a 50 MHz to 40 MHz instantaneous rate, and must
be a free running clock (cannot be gapped).
When in 8-bit Level 3 ATM mode, TFCLK must cycle
at a 100 MHz to 60 MHz instantaneous rate, and
must be a free running clock (cannot be gapped).
TDAT[0]
TDAT[1]
TDAT[2]
TDAT[3]
TDAT[4]
TDAT[5]
TDAT[6]
TDAT[7]
TDAT[8]
TDAT[9]
TDAT[10]
TDAT[11]
TDAT[12]
TDAT[13]
TDAT[14]
TDAT[15]
Input
K22
K21
K20
J23
J22
J21
H22
H21
H20
G23
G22
G21
G20
F22
F21
E23
The UTOPIA transmit cell data (TDAT[15:0]) bus
carries the ATM cell octets that are written to the
transmit FIFO.
In 16-bit Level 2 ATM mode, the TDAT[15:0] is
considered valid only when TENB is simultaneously
asserted.
In 8-bit Level 3 ATM mode, the TDAT[7:0] bus is
considered valid only when TENB is simultaneously
asserted. TDAT[15:8] are ignored.
TDAT[15:0] is sampled on the rising edge of TFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com