Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 99 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 99 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 95Page - PMC-Sierra, Inc PM5356 Datasheet HTML 96Page - PMC-Sierra, Inc PM5356 Datasheet HTML 97Page - PMC-Sierra, Inc PM5356 Datasheet HTML 98Page - PMC-Sierra, Inc PM5356 Datasheet HTML 99Page - PMC-Sierra, Inc PM5356 Datasheet HTML 100Page - PMC-Sierra, Inc PM5356 Datasheet HTML 101Page - PMC-Sierra, Inc PM5356 Datasheet HTML 102Page - PMC-Sierra, Inc PM5356 Datasheet HTML 103Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
89
NOPAISEPRDI:
When set high, the NOPAISEPRDI bit disables enhanced path RDI assertion
when the path alarm indication signal state (PAIS) is detected in the receive
stream. When NOPAISEPRDI is set high and PAIS occurs, bit 6 of the G1
byte is set low while bit 7 of the G1 byte is set high. NOPAISEPRDI has
precedence over PSLMERDI, TIUEPRDI, TIMEPRDI and UNEQERDI.
When NOPAISEPRDI is set low, reporting of enhanced RDI is according to
PSLMERDI, TIUEPRDI, TIMEPRDI and UNEQERDI and the associated
alarm states.
NOALMEPRDI:
When set high, the NOALMEPRDI bit disables enhanced path RDI assertion
when loss of signal (LOS), loss of frame (LOF) or line alarm indication signal
(LAIS) events are detected in the receive stream. When NOALMEPRDI is set
high and one of the listed events occur, bit 6 of the G1 byte is set low while bit
7 of the G1 byte is set high. NOALMEPRDI has precedence over
PSLMERDI, TIUEPRDI, TIMEPRDI and UNEQERDI.
When NOALMEPRDI is set low, reporting of enhanced RDI is according to
PSLMERDI, TIUEPRDI, TIMEPRDI and UNEQERDI and the associated
alarm states.
LCDEPRDI:
When set high, the LCDEPRDI bit enables enhanced path RDI assertion
when loss of ATM cell delineation (LCD) events are detected in the receive
stream. If enabled, when the event occurs, bit 6 of the G1 byte is set high
while bit 7 of the G1 byte is set low.
When LCDEPRDI is set low, loss of ATM cell delineation has no effect on path
RDI. In addition, this bit has no effect when EPRDI_EN is set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com