Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 65Page - PMC-Sierra, Inc PM5356 Datasheet HTML 66Page - PMC-Sierra, Inc PM5356 Datasheet HTML 67Page - PMC-Sierra, Inc PM5356 Datasheet HTML 68Page - PMC-Sierra, Inc PM5356 Datasheet HTML 69Page - PMC-Sierra, Inc PM5356 Datasheet HTML 70Page - PMC-Sierra, Inc PM5356 Datasheet HTML 71Page - PMC-Sierra, Inc PM5356 Datasheet HTML 72Page - PMC-Sierra, Inc PM5356 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
59
Pointer Generator
The Pointer Generator Block generates the outgoing payload pointer (H1, H2) as
specified in the references. The concatenation indication (the NDF field set to
1001, I-bits and D-bits set to all ones, and unused bits set to all zeros) is inserted
in the second and third pointer byte locations in the transmit stream.
(1) A "normal pointer value" locates the start of the SPE. Note: 0
≤ "normal
pointer value"
≤ 782, and the new data flag (NDF) field is set to 0110. Note that
values greater than 782 may be inserted, using internal registers, to generate a
loss of pointer alarm in downstream circuitry.
(2) Arbitrary "pointer values" may be generated using internal registers. These
new values may optionally be accompanied by a programmable new data flag.
New data flags may also be generated independently using internal registers.
(3) Positive pointer movements may be generated using a bit in an internal
register. A positive pointer movement is generated by inverting the five I-bits of
the pointer word. The SPE is not inserted during the positive stuff opportunity
byte position, and the pointer value is incremented by one. Positive pointer
movements may be inserted once per frame for diagnostic purposes.
(4) Negative pointer movements may be generated using a bit in an internal
register. A negative pointer movement is generated by inverting the five D-bits of
the pointer word. The SPE is inserted during the negative stuff opportunity byte
position, the H3 byte, and the pointer value is decremented by one. Negative
pointer movements may be inserted once per frame for diagnostic purposes.
The pointer value is used to insert the path overhead into the transmit stream.
The current pointer value may be read via internal registers.
BIP-8 Calculate
The BIP-8 Calculate Block performs a path bit interleaved parity calculation on
the SPE of the transmit stream. Details are provided in the references. The
resulting parity byte is inserted in the path BIP-8 (B3) byte position of the
subsequent frame. BIP-8 errors may be continuously inserted under register
control for diagnostic purposes.
FEBE Calculate
The FEBE Calculate Block accumulates far end block errors on a per frame
basis, and inserts the accumulated value (up to maximum value of eight) in the
FEBE bit positions of the path status (G1) byte. The FEBE information is derived
from path BIP-8 errors detected by the receive path overhead processor, RPOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com