Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 74 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 74 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 70Page - PMC-Sierra, Inc PM5356 Datasheet HTML 71Page - PMC-Sierra, Inc PM5356 Datasheet HTML 72Page - PMC-Sierra, Inc PM5356 Datasheet HTML 73Page - PMC-Sierra, Inc PM5356 Datasheet HTML 74Page - PMC-Sierra, Inc PM5356 Datasheet HTML 75Page - PMC-Sierra, Inc PM5356 Datasheet HTML 76Page - PMC-Sierra, Inc PM5356 Datasheet HTML 77Page - PMC-Sierra, Inc PM5356 Datasheet HTML 78Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
64
Address
Register Description
013
RSOP Section BIP-8 MSB
014
TSOP Control
015
TSOP Diagnostic
016
TSOP Reserved
017
TSOP Reserved
018
RLOP Control/Status
019
RLOP Interrupt Enable/Interrupt Status
01A
RLOP Line BIP-96 LSB
01B
RLOP Line BIP-96
01C
RLOP Line BIP-96 MSB
01D
RLOP Line FEBE LSB
01E
RLOP Line FEBE
01F
RLOP Line FEBE MSB
020
TLOP Control
021
TLOP Diagnostic
022
TLOP Transmit K1
023
TLOP Transmit K2
024
TLOP Transmit Synchronization Message (S1)
025
TLOP Transmit J0/Z0
026
Reserved
027
Reserved
028
SSTB Control
029
SSTB Section Trace Identifier Status
02A
SSTB Indirect Address Register
02B
SSTB Indirect Data Register
02C
SSTB Reserved
02D
SSTB Reserved
02E
SSTB Reserved
02F
SSTB Reserved
030
RPOP Status/Control (EXTD=0)
030
RPOP Status/Control (EXTD=1)
031
RPOP Interrupt Status (EXTD=0)
031
RPOP Interrupt Status (EXTD=1)
032
RPOP Pointer Interrupt Status
033
RPOP Interrupt Enable (EXTD=0)
033
RPOP Interrupt Enable (EXTD=1)
034
RPOP Pointer Interrupt Enable
035
RPOP Pointer LSB
036
RPOP Pointer MSB
037
RPOP Path Signal Label
038
RPOP Path BIP-8 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com