Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 56Page - PMC-Sierra, Inc PM5356 Datasheet HTML 57Page - PMC-Sierra, Inc PM5356 Datasheet HTML 58Page - PMC-Sierra, Inc PM5356 Datasheet HTML 59Page - PMC-Sierra, Inc PM5356 Datasheet HTML 60Page - PMC-Sierra, Inc PM5356 Datasheet HTML 61Page - PMC-Sierra, Inc PM5356 Datasheet HTML 62Page - PMC-Sierra, Inc PM5356 Datasheet HTML 63Page - PMC-Sierra, Inc PM5356 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
50
• the received pointer can be interpreted, according
to majority voting on the I and D bits, as a
positive or negative justification indication,
• after making the requested justification, the received
pointer continues to be interpretable as a
pointer justification.
When the received pointer returns to an in-range value, the S/UNI-
622-MAX will interpret it correctly.
Note 10 -
LOP will exit at the third frame of a three frame sequence consisting
of one frame with NDF enabled followed by two frames with NDF
disabled, if all three pointers have the same legal value.
The transitions indicated in the state diagram are defined in the following table.
Table 2: Pointer Interpreter Transition Description
Transition
Description
inc_ind/dec_ind
offset adjustment (increment or decrement indication)
3 x eq_new_point
three consecutive equal new_point indications
NDF_enable
single NDF_enable indication
3 x AIS_ind
three consecutive AIS indications
8 x inv_point
eight consecutive inv_point indications
8 x NDF_enable
eight consecutive NDF_enable indications
Note 1 -
the transitions from NORM_state to NORM_state do not represent
state changes but imply offset changes.
Note 2 -
3 x new_point takes precedence over other events and if the
IINVCNT bit is set resets the inv_point count.
Note 3 -
all three offset values received in 3 x eq_new_point must be
identical.
Note 4 -
"consecutive event counters" are reset to zero on a change of state
except for consecutive NDF count.
The Pointer Interpreter detects loss of pointer (LOP) in the incoming STS-
12c/STM-4-4c stream. LOP is declared on entry to the LOP_state as a result of
eight consecutive invalid pointers or eight consecutive NDF enabled indications.
The alarm condition is reported in the receive alarm port and is optionally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com