Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 55 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 51Page - PMC-Sierra, Inc PM5356 Datasheet HTML 52Page - PMC-Sierra, Inc PM5356 Datasheet HTML 53Page - PMC-Sierra, Inc PM5356 Datasheet HTML 54Page - PMC-Sierra, Inc PM5356 Datasheet HTML 55Page - PMC-Sierra, Inc PM5356 Datasheet HTML 56Page - PMC-Sierra, Inc PM5356 Datasheet HTML 57Page - PMC-Sierra, Inc PM5356 Datasheet HTML 58Page - PMC-Sierra, Inc PM5356 Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
45
persists for a period of 3 ms. To provide for intermittent out-of-frame (or in-frame)
conditions, the 3 ms timer is not reset to zero until an in-frame (or out-of-frame)
condition persists for 3 ms. The LOF and OOF signals are optionally reported on
the RALRM output pin when enabled by the LOFEB and OOFEN Receive Alarm
Control Register bits.
10.3 Receive Line Overhead Processor (RLOP)
The Receive Line Overhead Processor (RLOP) provides line level alarm and
performance monitoring.
Line RDI Detect
The Line RDI Detect Block detects the presence of Line Remote Defect
Indication (LRDI) in the receive stream. Line RDI is declared when a 110 binary
pattern is detected in bits 6, 7, and 8 of the K2 byte, for three or five consecutive
frames. Line RDI is removed when any pattern other than 110 is detected in bits
6, 7, and 8 of the K2 byte for three or five consecutive frames. The LRDI signal
is optionally reported on the RALRM output pin when enabled by the LRDIEN
Receive Alarm Control Register bit.
Line AIS Detect
The Line AIS Block detects the presence of a Line Alarm Indication Signal (LAIS)
in the receive stream. Line AIS is declared when a 111 binary pattern is detected
in bits 6, 7, and 8 of the K2 byte, for three or five consecutive frames. Line AIS is
removed when any pattern other than 111 is detected in bits 6, 7, and 8 of the K2
byte for three or five consecutive frames. The LAIS signal is optionally reported
on the RALRM output pin when enabled by the LAISEN Receive Alarm Control
Register bit.
Error Monitor Block
The Error Monitor Block calculates the received line BIP-8 error detection codes
based on the Line Overhead bytes and synchronous payload envelopes of the
STS-12c/STM-4-4c stream. The line BIP-8 code is a bit interleaved parity
calculation using even parity. Details are provided in the references. The
calculated BIP-8 codes are compared with the BIP-8 codes extracted from the
following frame. Any differences indicate that a line layer bit error has occurred.
Optionally the RLOP can be configured to count a maximum of only one BIP
error per frame.
This block also extracts the line FEBE code from the M1 byte. The FEBE code is
contained in bits 2 to 8 of the M1 byte, and represents the number of line BIP-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com