Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 64 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 64 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 60Page - PMC-Sierra, Inc PM5356 Datasheet HTML 61Page - PMC-Sierra, Inc PM5356 Datasheet HTML 62Page - PMC-Sierra, Inc PM5356 Datasheet HTML 63Page - PMC-Sierra, Inc PM5356 Datasheet HTML 64Page - PMC-Sierra, Inc PM5356 Datasheet HTML 65Page - PMC-Sierra, Inc PM5356 Datasheet HTML 66Page - PMC-Sierra, Inc PM5356 Datasheet HTML 67Page - PMC-Sierra, Inc PM5356 Datasheet HTML 68Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
54
passed to the receive FIFO while the cell delineation state machine is in the
SYNC state as described above. When both filtering and HCS checking are
enabled, cells are dropped if uncorrectable HCS errors are detected, or if the
corrected header contents match the pattern contained in the RXCP Match
Header Pattern and RXCP Match Header Mask registers. Idle or unassigned cell
filtering is accomplished by writing the appropriate cell header pattern into the
RXCP Match Header Pattern and RXCP Match Header Mask registers.
Idle/Unassigned cells are assumed to contain the all zeros pattern in the VCI and
VPI fields. The RXCP Match Header Pattern and RXCP Match Header Mask
registers allow filtering control over the contents of the GFC, PTI, and CLP fields
of the header.
The HCS is a CRC-8 calculation over the first 4 octets of the ATM cell header.
The RXCP block verifies the received HCS using the polynomial, x8 + x2 + x + 1.
The coset polynomial, x6 + x4 + x2 + 1, is added (modulo 2) to the received HCS
octet before comparison with the calculated result. While the cell delineation
state machine in Figure 5 is in the SYNC state, the HCS verification circuit
implements the state machine shown in Figure 6.
In normal operation, the HCS verification state machine remains in the
'Correction Mode' state. Incoming cells containing no HCS errors are passed to
the receive FIFO. Incoming single-bit errors are corrected, and the resulting cell
is passed to the FIFO. Upon detection of a single-bit error or a multi-bit error, the
state machine transitions to the 'Detection Mode' state. In this state,
programmable HCS error filtering is provided. The detection of any HCS error
causes the corresponding cell to be dropped. The state machine transitions back
to the 'Correction Mode' state when M (where M = 1, 2, 4, 8) cells are received
with correct HCSs. The Mth cell is not discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com