Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 92 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 92 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 88Page - PMC-Sierra, Inc PM5356 Datasheet HTML 89Page - PMC-Sierra, Inc PM5356 Datasheet HTML 90Page - PMC-Sierra, Inc PM5356 Datasheet HTML 91Page - PMC-Sierra, Inc PM5356 Datasheet HTML 92Page - PMC-Sierra, Inc PM5356 Datasheet HTML 93Page - PMC-Sierra, Inc PM5356 Datasheet HTML 94Page - PMC-Sierra, Inc PM5356 Datasheet HTML 95Page - PMC-Sierra, Inc PM5356 Datasheet HTML 96Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
82
Register 0x07: S/UNI-622-MAX Miscellaneous Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
TX_LIFINV
0
Bit 4
R/W
RX_LIFINV
0
Bit 3
R/W
TSOC3
0
Bit 2
R/W
RSOC3
0
Bit 1
R/W
TXDINV
0
Bit 0
R/W
RXDINV
0
RXDINV:
The receive inversion RXDINV controls the polarity of the receive data. When
RXDINV is set high, the polarity of the RXD+/- is inverted. When RXDINV is
set low, the RXD+/- inputs operate normally.
RXDINV and TXDINV are ignored during line loopback operation (SLLE set
high).
TXDINV:
The transmit inversion TXDINV controls the polarity of the transmit data.
When TXDINV is set high, the polarity of the TXD+/- is inverted. When
TXDINV is set low, the TXD+/- outputs operate normally.
RXDINV and TXDINV are ignored during line loopback operation (SLLE set
high).
RSOC3:
The Receive SONET/SDH OC3 enable allows the S/UNI-622-MAX to process
receive STS-3c/STM-1 data streams using the parallel line interface. When
RSOC3 is set high, the SONET/SDH receive processors RSOP/RLOP/RPOP
are configured for STS-3c/STM-1 operation. When RSOC3 is set low, the
receive side of the S/UNI-622-MAX is configured for STS-12c/STM-4-4c
operation. Setting RSOC3 high when LIFSEL is low is invalid as the analog
interface only operates at STS-12c/STM-4-4c line rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com