Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 49Page - PMC-Sierra, Inc PM5356 Datasheet HTML 50Page - PMC-Sierra, Inc PM5356 Datasheet HTML 51Page - PMC-Sierra, Inc PM5356 Datasheet HTML 52Page - PMC-Sierra, Inc PM5356 Datasheet HTML 53Page - PMC-Sierra, Inc PM5356 Datasheet HTML 54Page - PMC-Sierra, Inc PM5356 Datasheet HTML 55Page - PMC-Sierra, Inc PM5356 Datasheet HTML 56Page - PMC-Sierra, Inc PM5356 Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
43
While out of frame, the CRSI-622 block monitors the bit-serial STS-12c/STM-4-
4c data stream for an occurrence of a A1 byte. The CRSI-622 adjusts its byte
alignment of the serial-to-parallel converter when three consecutive A1 bytes
followed by three consecutive A2 bytes occur in the data stream. The CRSI
informs the RSOP Framer block when this framing pattern has been detected to
reinitializes the RSOP to the new frame alignment.
While in frame, the CRSI-622 maintains the byte alignment of the serial-to-
parallel converter until RSOP declares out of frame.
10.2 Receive Section Overhead Processor (RSOP)
The Receive Section Overhead Processor (RSOP) provides frame
synchronization, descrambling, section level alarm and performance monitoring.
In addition, it extracts the section data communication channel from the section
overhead and provides it serially on output RSD.
Framer
The Framer Block determines the in-frame/out-of-frame status of the receive
stream. While in-frame, the framing bytes (A1, A2) in each frame are compared
against the expected pattern. Out-of-frame is declared when four consecutive
frames containing one or more framing pattern errors have been received.
While out of frame, the CRSI-622 block monitors the bit-serial STS-12c/STM-4-
4c data stream for an occurrence of the framing pattern (A1, A2). The CRSI-622
informs the RSOP Framer block when three A1 bytes followed by three A2 bytes
has been detected to reinitializes the frame byte counter to the new alignment.
The Framer block declares frame alignment on the next SONET/SDH frame
when either all A1 and A2 bytes are seen error-free or when only the first A1 byte
and the first four bits of the last A2 byte are seen error-free depending upon the
selected framing algorithm.
Once in frame, the Framer block monitors the framing pattern sequence and
declares out of frame (OOF) when one or more bit errors in each framing pattern
are detected for four consecutive frames. Again, depending upon the algorithm
either 24 framing bytes are examined for bit errors each frame, or only the first
A1 byte and the first four bits of the last A2 byte are examined for bit errors each
frame.
When the parallel line interface PIN[7:0] is used, upstream circuitry monitors the
receive stream for an occurrence of the three A1 bytes followed by three A2
bytes framing pattern while out-of-frame. The upstream circuitry is expected to
pulse input FPIN when the third A2 byte has been detected. RSOP monitors the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com