Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 38 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 38 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 34Page - PMC-Sierra, Inc PM5356 Datasheet HTML 35Page - PMC-Sierra, Inc PM5356 Datasheet HTML 36Page - PMC-Sierra, Inc PM5356 Datasheet HTML 37Page - PMC-Sierra, Inc PM5356 Datasheet HTML 38Page - PMC-Sierra, Inc PM5356 Datasheet HTML 39Page - PMC-Sierra, Inc PM5356 Datasheet HTML 40Page - PMC-Sierra, Inc PM5356 Datasheet HTML 41Page - PMC-Sierra, Inc PM5356 Datasheet HTML 42Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
28
Pin Name
Type
Pin
No.
Function
RDAT[0]
RDAT[1]
RDAT[2]
RDAT[3]
RDAT[4]
RDAT[5]
RDAT[6]
RDAT[7]
RDAT[8]
RDAT[9]
RDAT[10]
RDAT[11]
RDAT[12]
RDAT[13]
RDAT[14]
RDAT[15]
Output
W21
W22
W23
V21
V22
U20
U21
U22
U23
T20
T21
T22
R21
R22
R23
P20
UTOPIA receive cell data (RDAT[15:0]) bus carries
the ATM cell octets that are read from the receive
FIFO.
In 16-bit Level 2 ATM mode, RDAT[15:0] is consider
valid only when RENB is asserted. RDAT[15:0] is tri-
stated when RENB is sampled high.
In 8-bit Level 3 ATM mode, only the RDAT[7:0]
signals are valid when RVAL is asserted. RDAT[15:8]
contain invalid data.
RDAT[15:0] is updated on the rising edge of RFCLK.
RVAL
Output
N21
The UTOPIA Level 3 receive data valid (RVAL) signal
indicates the validity of the receive data signals.
When RVAL is high, the receive signals RDAT, RSOC
and RPRTY are valid. When RVAL is low, all receive
signals are invalid and must be disregarded.
In 16-bit Level 2 ATM mode, RVAL is invalid and must
be ignored.
In 8-bit Level 3 ATM mode, RVAL will be high when
valid data is on the RDAT bus. The RVAL will
transition low when the FIFO is empty. Once
deasserted, RVAL will remain deasserted until a
complete ATM cell is written into the receive FIFO.
RVAL is updated on the rising edge of RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com