Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 92Page - PMC-Sierra, Inc PM5356 Datasheet HTML 93Page - PMC-Sierra, Inc PM5356 Datasheet HTML 94Page - PMC-Sierra, Inc PM5356 Datasheet HTML 95Page - PMC-Sierra, Inc PM5356 Datasheet HTML 96Page - PMC-Sierra, Inc PM5356 Datasheet HTML 97Page - PMC-Sierra, Inc PM5356 Datasheet HTML 98Page - PMC-Sierra, Inc PM5356 Datasheet HTML 99Page - PMC-Sierra, Inc PM5356 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
86
Register 0x09: S/UNI-622-MAX Auto Path RDI Control
Bit
Type
Function
Default
Bit 7
R/W
LCDPRDI
0
Bit 6
R/W
ALRMPRDI
0
Bit 5
R/W
PAISPRDI
1
Bit 4
R/W
Reserved
1
Bit 3
R/W
LOPPRDI
1
Bit 2
R/W
LOPCONPRDI
1
Bit 1
R/W
Reserved
1
Bit 0
R/W
Reserved
1
This register controls the auto assertion of path RDI (G1 bit 5) in the TPOP for
the entire SONET/SDH stream. Also see the Auto Enhanced Path RDI register.
LOPCONPRDI:
The Loss of Pointer Concatenation Indication PRDI (LOPCONPRDI) controls
the insertion of a Path RDI in the transmit data stream upon detection of this
alarm condition. When LOPCONPRDI is set high, the transmit line RDI will
be inserted. When LOPCONPRDI is set low, no action is taken. This register
bit is used only if the AUTOPRDI register bit is also set high.
LOPPRDI:
The Loss of Pointer Indication PRDI (LOPPRDI) controls the insertion of a
Path RDI in the transmit data stream upon detection of this alarm condition.
When LOPPRDI is set high, the transmit line RDI will be inserted. When
LOPPRDI is set low, no action is taken. This register bit is used only if the
AUTOPRDI register bit is also set high.
PAISPRDI:
The Path Alarm Indication Signal PRDI (PAISPRDI) controls the insertion of a
Path RDI in the transmit data stream upon detection of this alarm condition.
When PAISPRDI is set high, the transmit line RDI will be inserted. When
PAISPRDI is set low, no action is taken. This register bit is used only if the
AUTOPRDI register bit is also set high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com