Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 40Page - PMC-Sierra, Inc PM5356 Datasheet HTML 41Page - PMC-Sierra, Inc PM5356 Datasheet HTML 42Page - PMC-Sierra, Inc PM5356 Datasheet HTML 43Page - PMC-Sierra, Inc PM5356 Datasheet HTML 44Page - PMC-Sierra, Inc PM5356 Datasheet HTML 45Page - PMC-Sierra, Inc PM5356 Datasheet HTML 46Page - PMC-Sierra, Inc PM5356 Datasheet HTML 47Page - PMC-Sierra, Inc PM5356 Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
34
9.7
Analog Signals
Pin Name
Type
Pin
No.
Function
TDREF0
TDREF1
Analog
K1
K2
The transmit data reference (TDREF0 and TDREF1)
analog pins are provided to create calibrated currents
for the PECL output transceivers TXD+/-. A 2.00K
ohm resistor is connected across the TDREF0 and
TDREF1 pins.
ATP[0]
ATP[1]
Analog
E2
F3
The receive and transmit analog test ports (ATP[1:0]).
These pins are used for manufacturing testing only
and should be tied to analog ground (AVS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com