Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 90 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 90 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 86Page - PMC-Sierra, Inc PM5356 Datasheet HTML 87Page - PMC-Sierra, Inc PM5356 Datasheet HTML 88Page - PMC-Sierra, Inc PM5356 Datasheet HTML 89Page - PMC-Sierra, Inc PM5356 Datasheet HTML 90Page - PMC-Sierra, Inc PM5356 Datasheet HTML 91Page - PMC-Sierra, Inc PM5356 Datasheet HTML 92Page - PMC-Sierra, Inc PM5356 Datasheet HTML 93Page - PMC-Sierra, Inc PM5356 Datasheet HTML 94Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
80
Register 0x06: S/UNI-622-MAX APS Configuration and Control
Bit
Type
Function
Default
Bit 7
R/W
APSFRST
0
Bit 6
R
APSI
X
Bit 5
Unused
X
Bit 4
R/W
APSFEBE
0
Bit 3
R/W
APSRDI
0
Bit 2
R/W
APSPD
0
Bit 1
R/W
APSOE
0
Bit 0
R/W
APSEN
0
This register controls the APS transmit path override and the transmit path RDI
and FEBE controls for 1+1 APS operation. See the Operation section for more
discussion
APSEN:
The APSEN bit controls the 1+1 APS mode of the S/UNI-622-MAX. When
APSEN is set high, the S/UNI-622-MAX transmit path data stream may be
supplied to another S/UNI-622-MAX using the POUT[7:0] bus. When APSEN
is set low, the S/UNI-622-MAX operates normally and POUT[7:0] is held at a
constant value.
APSOE:
The APSOE bit controls the direction of the APS[4:0] pins. When APSOE is
set low, the APS[4:0] pins are inputs and supply path RDI and FEBE
information to TPOP. When APSEN is set high, the APS[4:0] pins are outputs
and supply the receive path RDI and FEBE information from RPOP.
APSPD:
The APSPD bit controls overwriting of the transmit path data stream. When
APSPD is set high, the transmit path data stream from TPOP is overwritten
from the data sampled on the parallel input PIN[7:0] bus. A four-byte FIFO is
used to handle minor phase variations between the transmit clock TCLK and
the parallel input clock PICLK. When APSPD is set low, the TPOP path data
stream is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com