Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 94Page - PMC-Sierra, Inc PM5356 Datasheet HTML 95Page - PMC-Sierra, Inc PM5356 Datasheet HTML 96Page - PMC-Sierra, Inc PM5356 Datasheet HTML 97Page - PMC-Sierra, Inc PM5356 Datasheet HTML 98Page - PMC-Sierra, Inc PM5356 Datasheet HTML 99Page - PMC-Sierra, Inc PM5356 Datasheet HTML 100Page - PMC-Sierra, Inc PM5356 Datasheet HTML 101Page - PMC-Sierra, Inc PM5356 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
88
Register 0x0A: S/UNI-622-MAX Auto Enhanced Path RDI Control
Bit
Type
Function
Default
Bit 7
R/W
LCDEPRDI
0
Bit 6
R/W
NOALMEPRDI
0
Bit 5
R/W
NOPAISEPRDI
0
Bit 4
R/W
Reserved
1
Bit 3
R/W
NOLOPEPRDI
0
Bit 2
R/W
NOLOPCONEPRDI
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
Reserved
1
This register controls the auto assertion of enhanced path RDI (G1 bit 5, 6 and 7)
in the TPOP for the entire SONET/SDH stream.
NOLOPCONEPRDI:
When set high, the NOLOPCONEPRDI bit disables enhanced path RDI
assertion when loss of pointer concatenation (LOPCON) events are detected
in the receive stream. When NOLOPCONEPRDI is set high and LOPCON
occurs, bit 6 of the G1 byte is set low while bit 7 of the G1 byte is set high.
NOLOPCONEPRDI has precedence over PSLMERDI, TIUEPRDI, TIMEPRDI
and UNEQERDI.
When NOLOPCONEPRDI is set low, reporting of enhanced RDI is according
to PSLMERDI, TIUEPRDI, TIMEPRDI and UNEQERDI and the associated
alarm states.
NOLOPEPRDI:
When set high, the NOLOPEPRDI bit disables enhanced path RDI assertion
when loss of pointer (LOP) events are detected in the receive stream. When
NOLOPEPRDI is set high and LOP occurs, bit 6 of the G1 byte is set low
while bit 7 of the G1 byte is set high. NOLOPEPRDI has precedence over
PSLMERDI, TIUEPRDI, TIMEPRDI and UNEQERDI.
When NOLOPEPRDI is set low, reporting of enhanced RDI is according to
PSLMERDI, TIUEPRDI, TIMEPRDI and UNEQERDI and the associated
alarm states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com