Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 85Page - PMC-Sierra, Inc PM5356 Datasheet HTML 86Page - PMC-Sierra, Inc PM5356 Datasheet HTML 87Page - PMC-Sierra, Inc PM5356 Datasheet HTML 88Page - PMC-Sierra, Inc PM5356 Datasheet HTML 89Page - PMC-Sierra, Inc PM5356 Datasheet HTML 90Page - PMC-Sierra, Inc PM5356 Datasheet HTML 91Page - PMC-Sierra, Inc PM5356 Datasheet HTML 92Page - PMC-Sierra, Inc PM5356 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
79
Register 0x05: S/UNI-622-MAX Master Interrupt Status #2
Bit
Type
Function
Default
Bit 7
R
Reserved
X
Bit 6
R
CSPII
X
Bit 5
R
CRSII
X
Bit 4
R
Reserved
X
Bit 3
R
Reserved
X
Bit 2
R
Reserved
X
Bit 1
R
Reserved
X
Bit 0
R
Reserved
X
When the interrupt output INTB goes low, this register allows the source of the
active interrupt to be identified down to the block level. Further register accesses
are required for the block in question to determine the cause of an active
interrupt and to acknowledge the interrupt source.
CRSII:
The CRSII bit is high when an interrupt request is active from the Clock
Recovery and SIPO block (CRSI-622). The CRSI interrupt sources are
enabled in the Clock Recovery Interrupt Control/Status Register.
CSPII:
The CSPII bit is high when an interrupt request is active from the Clock
Synthesis and PISO block (CSPI-622). The CSPII interrupt sources are
enabled in the Clock Synthesis Interrupt Control/Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com