Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 62 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 62 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 58Page - PMC-Sierra, Inc PM5356 Datasheet HTML 59Page - PMC-Sierra, Inc PM5356 Datasheet HTML 60Page - PMC-Sierra, Inc PM5356 Datasheet HTML 61Page - PMC-Sierra, Inc PM5356 Datasheet HTML 62Page - PMC-Sierra, Inc PM5356 Datasheet HTML 63Page - PMC-Sierra, Inc PM5356 Datasheet HTML 64Page - PMC-Sierra, Inc PM5356 Datasheet HTML 65Page - PMC-Sierra, Inc PM5356 Datasheet HTML 66Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
52
FEBEs are detected by extracting the 4-bit FEBE field from the path status byte
(G1). The legal range for the 4-bit field is between 0000 and 1000, representing
zero to eight errors. Any other value is interpreted as zero errors.
Path RDI alarm is detected by extracting bit 5 of the path status byte. The PRDI
signal is set high when bit 5 is set high for five/ten consecutive frames. PRDI is
set low when bit 5 is low for five/ten consecutive frames. Auxiliary RDI alarm is
detected by extracting bit 6 of the path status byte. The Auxiliary RDI alarm is
indicated when bit 6 is set high for five/ten consecutive frames. The Auxiliary RDI
alarm is removed when bit 6 is low for five/ten consecutive frames. The
Enhanced RDI alarm is detected when the enhanced RDI code in bits 5,6,7 of
the path status byte indicates the same error codepoint for five/ten consecutive
frames. The Enhanced RDI alarm is removed when the enhanced RDI code in
bits 5,6,7 of the path status byte indicates the same non error codepoint for
five/ten consecutive frames. The ERDII maskable interrupt is set high when bits
5, 6 & 7 of the path status byte (G1) byte are set to a new codepoint for five or
ten consecutive frames. The ERDIV[2:0] signal reflects the state of the filtered
ERDI value (G1 byte bits 5, 6, & 7).
10.6 Receive ATM Cell Processor (RXCP)
The Receive ATM Cell Processor (RXCP) performs ATM cell delineation,
provides cell filtering based on idle/unassigned cell detection and HCS error
detection, and performs ATM cell payload descrambling. The RXCP also
provides a four-cell deep receive FIFO. This FIFO is used to separate the STS-
12c/STM-4-4c line timing from the higher layer ATM system timing.
Cell Delineation
Cell Delineation is the process of framing to ATM cell boundaries using the
header check sequence (HCS) field found in the cell header. The HCS is a CRC-
8 calculation over the first 4 octets of the ATM cell header. When performing
delineation, correct HCS calculations are assumed to indicate cell boundaries.
Cells are assumed to be byte-aligned to the synchronous payload envelope. The
cell delineation algorithm searches the 53 possible cell boundary candidates
individually to determine the valid cell boundary location. While searching for the
cell boundary location, the cell delineation circuit is in the HUNT state. When a
correct HCS is found, the cell delineation state machine locks on the particular
cell boundary, corresponding to the correct HCS, and enters the PRESYNC
state. The PRESYNC state validates the cell boundary location. If the cell
boundary is invalid, an incorrect HCS will be received within the next DELTA
cells, at which time a transition back to the HUNT state is executed. If no HCS
errors are detected in this PRESYNC period, the SYNC state is entered. While in
the SYNC state, synchronization is maintained until ALPHA consecutive incorrect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com