Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 7Page - PMC-Sierra, Inc PM5356 Datasheet HTML 8Page - PMC-Sierra, Inc PM5356 Datasheet HTML 9Page - PMC-Sierra, Inc PM5356 Datasheet HTML 10Page - PMC-Sierra, Inc PM5356 Datasheet HTML 11Page - PMC-Sierra, Inc PM5356 Datasheet HTML 12Page - PMC-Sierra, Inc PM5356 Datasheet HTML 13Page - PMC-Sierra, Inc PM5356 Datasheet HTML 14Page - PMC-Sierra, Inc PM5356 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
1.1
General
• Single chip ATM over SONET/SDH Physical Layer Device operating at 622.08
Mbit/s.
• Implements the ATM Forum User Network Interface Specification and the ATM
physical layer for Broadband ISDN according to CCITT Recommendation I.432.
• Processes duplex bit-serial 622.08 Mbit/s STS-12c/STM-4-4c data streams with
on-chip clock and data recovery and clock synthesis.
• Supports a duplex byte-serial 77.76 Mbyte/s STS-12c/STM-4-4c line side
interface for use in applications where by-passing clock recovery, clock
synthesis, and serializer-deserializer functionality is desired.
• Supports a byte-serial 19.44 Mbyte/s STS-3c/STM-1 line side interface on the
transmit and/or receive interface for use in applications where a 155.52 Mbit/s
data rate is desired.
• Supports clock recovery by-pass for use in applications where external clock
recovery is desired.
• Provides UTOPIA Level 2 16-bit wide System Interface (clocked up to 50 MHz)
with parity support for ATM applications.
• Provides UTOPIA Level 3 compatible 8-bit wide System Interface (clocked up to
100 MHz) with parity support for ATM applications.
• Provides support functions for a two chip solution for 1+1 APS operation.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary scan
board test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration, control,
and status monitoring.
• Low power 3.3V CMOS with TTL compatible digital inputs and CMOS/TTL digital
outputs. PECL inputs and outputs are 3.3V and 5V compatible.
• Industrial temperature range (-40°C to +85°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com