Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 38Page - PMC-Sierra, Inc PM5356 Datasheet HTML 39Page - PMC-Sierra, Inc PM5356 Datasheet HTML 40Page - PMC-Sierra, Inc PM5356 Datasheet HTML 41Page - PMC-Sierra, Inc PM5356 Datasheet HTML 42Page - PMC-Sierra, Inc PM5356 Datasheet HTML 43Page - PMC-Sierra, Inc PM5356 Datasheet HTML 44Page - PMC-Sierra, Inc PM5356 Datasheet HTML 45Page - PMC-Sierra, Inc PM5356 Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
32
Pin Name
Type
Pin
No.
Function
A[8]
Input
D11
The test register select (A[8]) signal selects between
normal and test mode register accesses. A[8] is high
during test mode register accesses, and is low during
normal mode register accesses. A[8] may be tied
low.
RSTB
Input
B10
The active-low reset (RSTB) signal provides an
asynchronous S/UNI-622-MAX reset. RSTB is a
Schmitt triggered input with an integral pull-up
resistor.
CSB must be held high when RSTB is low in order to
properly reset this chip.
ALE
Input
A10
The address latch enable (ALE) is active-high and
latches the address bus A[8:0] when low. When ALE
is high, the internal address latches are transparent.
It allows the S/UNI-622-MAX to interface to a
multiplexed address/data bus. ALE has an integral
pull-up resistor.
INTB
Output
C14
The active-low interrupt (INTB) signal is set low when
a S/UNI-622-MAX interrupt source is active and that
source is unmasked. The S/UNI-622-MAX may be
enabled to report many alarms or events via
interrupts.
Examples of interrupt sources are loss of signal
(LOS), loss of frame (LOF), line AIS, line remote
defect indication (LRDI) detect, loss of pointer (LOP),
path AIS, path remote defect indication and others.
INTB is tri-stated when the all enabled interrupt
sources are acknowledged via an appropriate register
access. INTB is an open drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com