Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 72Page - PMC-Sierra, Inc PM5356 Datasheet HTML 73Page - PMC-Sierra, Inc PM5356 Datasheet HTML 74Page - PMC-Sierra, Inc PM5356 Datasheet HTML 75Page - PMC-Sierra, Inc PM5356 Datasheet HTML 76Page - PMC-Sierra, Inc PM5356 Datasheet HTML 77Page - PMC-Sierra, Inc PM5356 Datasheet HTML 78Page - PMC-Sierra, Inc PM5356 Datasheet HTML 79Page - PMC-Sierra, Inc PM5356 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
66
Address
Register Description
062
RXCP FIFO/UTOPIA Control and Configuration
063
RXCP Interrupt Enable and Counter Status
064
RXCP Status/Interrupt Status
065
RXCP LCD Count Threshold LSB
066
RXCP LCD Count Threshold MSB
067
RXCP Idle Cell Header Pattern
068
RXCP Idle Cell Header Mask
069
RXCP Corrected HCS Error Count
06A
RXCP Uncorrected HCS Error Count
06B
RXCP Received Cell Count LSB
06C
RXCP Received Cell Count
06D
RXCP Received Cell Count MSB
06E
RXCP Idle Cell Count LSB
06F
RXCP Idle Cell Count
070
RXCP Idle Cell Count MSB
071
RXCP Reserved
072
RXCP Reserved
073
RXCP Reserved
074
RXCP Reserved
075
RXCP Reserved
076
RXCP Reserved
077
RXCP Reserved
078
RXCP Reserved
079
RXCP Reserved
07A
RXCP Reserved
07B
RXCP Reserved
07C
RXCP Reserved
07D
RXCP Reserved
07E
RXCP Reserved
07F
RXCP Reserved
080
TXCP Configuration 1
081
TXCP Configuration 2
082
TXCP Transmit Cell Status
083
TXCP Interrupt Enable/Status
084
TXCP Idle Cell Header Control
085
TXCP Idle Cell Payload Control
086
TXCP Transmit Cell Counter LSB
087
TXCP Transmit Cell Counter
088
TXCP Transmit Cell Counter MSB
089
TXCP Reserved
08A
TXCP Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com