Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 87Page - PMC-Sierra, Inc PM5356 Datasheet HTML 88Page - PMC-Sierra, Inc PM5356 Datasheet HTML 89Page - PMC-Sierra, Inc PM5356 Datasheet HTML 90Page - PMC-Sierra, Inc PM5356 Datasheet HTML 91Page - PMC-Sierra, Inc PM5356 Datasheet HTML 92Page - PMC-Sierra, Inc PM5356 Datasheet HTML 93Page - PMC-Sierra, Inc PM5356 Datasheet HTML 94Page - PMC-Sierra, Inc PM5356 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
81
APSRDI:
The APSRDI bit control the overwriting of the transmit path RDI values. When
APSRDI is set high, the RDI information on the APS[4:0] pins is transmitted
by TPOP. When APSRDI is set low, the RDI information from RPOP is
transmitted by TPOP. The APSOE bit must be set low when APSRDI is set
high.
APSFEBE
The APSFEBE bit controls the overwriting of the transmit path FEBE values.
When APSFEBE is set high, the FEBE information on the APS[4:0] pins is
transmitted by TPOP. When APSFEBE is set low, the FEBE information from
RPOP is transmitted by TPOP. The APSOE bit must be set low when
APSFEBE is set high.
APSI:
The APS FIFO interrupt indicates if the APS FIFO has underrun or overrun.
The APSI register is set high when a FIFO underrun or overrun has occurred
since the register was last read. The APSI register is set low when the
register is read. This interrupt register should be periodically polled to ensure
the APS FIFO is operating normally when configured for 1+1 APS operation.
APSFRST:
The APS FIFO Reset bit controls the four-byte FIFO which handles minor
phase variations between the parallel input clock PTCLK and the transmit
clock TCLK. When APSFRST is set high, the FIFO is held in reset. When
APSFRST is set low, the FIFO may be reset during system reset. The
APSFRST should be set high for at least 4 TCLK cycles when either S/UNI-
622-MAX devices in the 1+1 APS configuration are reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com