Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 81 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 81 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 77Page - PMC-Sierra, Inc PM5356 Datasheet HTML 78Page - PMC-Sierra, Inc PM5356 Datasheet HTML 79Page - PMC-Sierra, Inc PM5356 Datasheet HTML 80Page - PMC-Sierra, Inc PM5356 Datasheet HTML 81Page - PMC-Sierra, Inc PM5356 Datasheet HTML 82Page - PMC-Sierra, Inc PM5356 Datasheet HTML 83Page - PMC-Sierra, Inc PM5356 Datasheet HTML 84Page - PMC-Sierra, Inc PM5356 Datasheet HTML 85Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
71
Register 0x01: S/UNI-622-MAX Master Configuration #1
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
SDH_J0/Z0
0
Bit 4
R/W
TFPEN
1
Bit 3
R/W
DLE
0
Bit 2
R/W
PDLE
0
Bit 1
R/W
PCM
0
Bit 0
R
TIP
X
TIP:
The TIP bit is set to a logic one when the performance meter registers are
being loaded. Writing to the S/UNI-622-MAX Master Reset and Identity
register initiates an accumulation interval transfer and loads all the
performance meter registers in the RSOP, RLOP, RPOP, SPTB, RXCP, TXCP
and TXFP blocks.
TIP remains high while the transfer is in progress, and is set to a logic zero
when the transfer is complete. TIP can be polled by a microprocessor to
determine when the accumulation interval transfer is complete.
PCM:
The pointer concatenation mode select (PCM) determines the number of
H1/H2 pointer pairs used to determine loss of pointer concatenation (LOPC)
and pointer AIS (AISC). When PCM is set high, all H1/H2 pointer pairs are
processed. When PCM is set low, only four H1/H2 pointer pairs
(corresponding to the active STM-4-4c pointers) are processed.
PDLE:
The Parallel Diagnostic Loopback, PDLE bit enables the S/UNI-622-MAX
diagnostic loopback where the S/UNI-622-MAX’s Transmit Section Overhead
Processor (TSOP) is directly connected to its Receive Section Overhead
Processor (RSOP). When PDLE is logic one, loopback is enabled. Under
this operating condition, the S/UNI-622-MAX continues to operate normally in
the transmit direction. When PDLE is logic zero, the S/UNI-622-MAX
operates normally in both directions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com