| Electronic Components Datasheet Search |
|
PM5356 Datasheet(PDF) 87 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5356 Datasheet(HTML) 87 Page - PMC-Sierra, Inc |
|
87 / 307 page ![]() RELEASED S/UNI-622-MAX PMC-Sierra, Inc. PM5356 S/UNI-622-MAX DATASHEET PMC-1980589 ISSUE 6 SATURN USER NETWORK INTERFACE (622-MAX) PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 77 Register 0x04: S/UNI-622-MAX Master Interrupt Status #1 Bit Type Function Default Bit 7 Unused X Bit 6 R CONCATI X Bit 5 R RASEI X Bit 4 R TXCPI X Bit 3 R RXCPI X Bit 2 R RPOPI X Bit 1 R RLOPI X Bit 0 R RSOPI X When the interrupt output INTB goes low, this register allows the source of the active interrupt to be identified down to the block level. Further register accesses are required for the block in question to determine the cause of an active interrupt and to acknowledge the interrupt source. RSOPI: The RSOPI bit is high when an interrupt request is active from the RSOP block. The RSOP interrupt sources are enabled in the RSOP Control/Interrupt Enable Register. RLOPI: The RLOPI bit is high when an interrupt request is active from the RLOP block. The RLOP interrupt sources are enabled in the RLOP Interrupt Enable/Status Register. RPOPI: The RPOPI bit is high when an interrupt request is active from the RPOP block. The RPOP interrupt sources are enabled in the RPOP Interrupt Enable Register. RXCPI: The RXCPI bit is high when an interrupt request is active from the RXCP block. The RXCP interrupt sources are enabled in the RXCP Interrupt Enable/Status Register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |