Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 12 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 12 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 8Page - PMC-Sierra, Inc PM5356 Datasheet HTML 9Page - PMC-Sierra, Inc PM5356 Datasheet HTML 10Page - PMC-Sierra, Inc PM5356 Datasheet HTML 11Page - PMC-Sierra, Inc PM5356 Datasheet HTML 12Page - PMC-Sierra, Inc PM5356 Datasheet HTML 13Page - PMC-Sierra, Inc PM5356 Datasheet HTML 14Page - PMC-Sierra, Inc PM5356 Datasheet HTML 15Page - PMC-Sierra, Inc PM5356 Datasheet HTML 16Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
2
• 304 pin Super BGA package.
1.2
The SONET Receiver
• Provides a serial interface at 622.08 Mbit/s with clock and data recovery.
• Frames to and de-scrambles the received STS-12c/STM-4-4c stream.
• Optionally frames to and de-scrambles a received STS-3c/STM-1 stream.
• Interprets the received payload pointer (H1, H2) and extracts the STS-12c/STM-
4-4c or STS-3c/STM-1 synchronous payload envelope and path overhead.
• Filters and captures the automatic protection switch channel (APS) bytes in
readable registers and detects APS byte failure.
• Captures and de-bounces the synchronization status (S1) nibble in a readable
register.
• Detects signal degrade (SD) and signal fail (SF) threshold crossing alarms based
on received B2 errors.
• Extracts the 16-byte or 64-byte section trace (J0/Z0) sequence and the 16-byte
or 64-byte path trace (J1) sequence into internal register banks.
• Detects loss of signal (LOS), out of frame (OOF), loss of frame (LOF), line alarm
indication signal (AIS-L), line remote defect indication (RDI-L), loss of pointer
(LOP), path alarm indication signal (AIS-P), path remote defect indication (RDI-
P), path extended remote defect indicator (extended RDI-P).
• Counts received section BIP-8 (B1) errors, received line BIP-96 (B2) errors, line
remote error indicates (REI-L), received path BIP-8 (B3) errors and path remote
error indications (REI-P) for performance monitoring purposes.
1.3
The Receive ATM Processor
• Extracts ATM cells from the received STS-12c/STM-4-4c or STS-3c/STM-1
payload using ATM cell delineation.
• Provides ATM cell payload de-scrambling.
• Performs header check sequence (HCS) error detection and correction, and
idle/unassigned cell filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com