Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 52 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 52 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 48Page - PMC-Sierra, Inc PM5356 Datasheet HTML 49Page - PMC-Sierra, Inc PM5356 Datasheet HTML 50Page - PMC-Sierra, Inc PM5356 Datasheet HTML 51Page - PMC-Sierra, Inc PM5356 Datasheet HTML 52Page - PMC-Sierra, Inc PM5356 Datasheet HTML 53Page - PMC-Sierra, Inc PM5356 Datasheet HTML 54Page - PMC-Sierra, Inc PM5356 Datasheet HTML 55Page - PMC-Sierra, Inc PM5356 Datasheet HTML 56Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
42
the jitter tolerance curve between 10 kHz and 30 kHz is due to the clock
difference detector.
The typical jitter tolerance performance of the S/UNI-622-MAX is shown in Figure
3 with the GR-253-CORE jitter tolerance specification limits. The jitter tolerance
setup used a Hewlett Packard HFBR-5208M multi-mode fiber optic transceiver
with approximately -10 dBm input power. The RTYPE register bit in CRSI-622
was set to logic zero.
Note that for frequencies below 300Hz, the jitter tolerance is greater than 22
UIpp; 22UIpp is the maximum jitter tolerance of the test equipment. The dip in
the jitter tolerance curve between 10 kHz and 30 kHz is due to the clock
difference detector.
Figure 3: Typical STS-12c/STM-4-4c S/UNI-622-MAX Jitter Tolerance
0.1
1
10
100
10
100
1000
10000
100000
1000000
10000000
Jitter Frequency [Hz]
Serial to Parallel Converter
The Serial to Parallel Converter (SIPO) converts the received bit serial stream to
a byte serial stream. The SIPO searches for the initial SONET/SDH framing
pattern in the receive stream, and performs serial to parallel conversion on octet
boundaries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com