Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 75 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 75 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 71Page - PMC-Sierra, Inc PM5356 Datasheet HTML 72Page - PMC-Sierra, Inc PM5356 Datasheet HTML 73Page - PMC-Sierra, Inc PM5356 Datasheet HTML 74Page - PMC-Sierra, Inc PM5356 Datasheet HTML 75Page - PMC-Sierra, Inc PM5356 Datasheet HTML 76Page - PMC-Sierra, Inc PM5356 Datasheet HTML 77Page - PMC-Sierra, Inc PM5356 Datasheet HTML 78Page - PMC-Sierra, Inc PM5356 Datasheet HTML 79Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
65
Address
Register Description
039
RPOP Path BIP-8 MSB
03A
RPOP Path FEBE LSB
03B
RPOP Path FEBE MSB
03C
RPOP RDI
03D
RPOP Ring Control
03E
RPOP Reserved
03F
RPOP Reserved
040
TPOP Control/Diagnostic
041
TPOP Pointer Control
042
TPOP Reserved
043
TPOP Current Pointer LSB
044
TPOP Current Pointer MSB
045
TPOP Arbitrary Pointer LSB
046
TPOP Arbitrary Pointer MSB
047
TPOP Path Trace
048
TPOP Path Signal Label
049
TPOP Path Status
04A
TPOP Reserved
04B
TPOP Reserved
04C
TPOP Reserved
04D
TPOP Reserved
04E
TPOP Concatenation LSB
04F
TPOP Concatenation MSB
050
SPTB Control
051
SPTB Path Trace Identifier Status
052
SPTB Indirect Address Register
053
SPTB Indirect Data Register
054
SPTB Expected Path Signal Label
055
SPTB Path Signal Label Status
056
SPTB Reserved
057
SPTB Reserved
058
CSPI Configuration
059
CSPI Status
05A
Reserved
05B
CSPI Reserved
05C
CRSI Configuration
05D
CRSI Status
05E
Reserved
05F
Reserved
060
RXCP Configuration 1
061
RXCP Configuration 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com