Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 36 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 36 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 32Page - PMC-Sierra, Inc PM5356 Datasheet HTML 33Page - PMC-Sierra, Inc PM5356 Datasheet HTML 34Page - PMC-Sierra, Inc PM5356 Datasheet HTML 35Page - PMC-Sierra, Inc PM5356 Datasheet HTML 36Page - PMC-Sierra, Inc PM5356 Datasheet HTML 37Page - PMC-Sierra, Inc PM5356 Datasheet HTML 38Page - PMC-Sierra, Inc PM5356 Datasheet HTML 39Page - PMC-Sierra, Inc PM5356 Datasheet HTML 40Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
26
Pin Name
Type
Pin
No.
Function
TSOC
Input
L21
The UTOPIA transmit start of cell (TSOC) signal
marks the start of a cell structure on the TDAT bus.
In 16-bit Level 2 ATM mode, the first word of the cell
structure is present on the TDAT[15:0] bus when
TSOC is high. It is not necessary for TSOC to be
present for each cell.
In 8-bit Level 3 ATM mode, the first byte of the cell
structure is present on the TDAT[7:0] bus when
TSOC is high. TSOC must be present for each cell.
TSOC is considered valid only when TENB is
simultaneously asserted. TSOC is sampled on the
rising edge of TFCLK.
TPRTY
Input
L20
The UTOPIA transmit bus parity (TPRTY) signal
indicates the parity on the TDAT bus. A parity error is
indicated by a status bit and a maskable interrupt.
Cells with parity errors are inserted in the transmit
stream, so the TPRTY input may be unused.
In 16-bit Level 2 ATM mode, the TPRTY signal
indicates the parity on the TDAT[15:0] bus. Odd or
even parity selection is made in the TXCP registers.
In 8-bit Level 3 ATM mode, the TPRTY signal
indicates the parity on the TDAT[7:0] bus. Odd or
even parity selection is made in the TUL3 registers.
TPRTY is considered valid only when TENB is
simultaneously asserted. TPRTY is sampled on the
rising edge of TFCLK.
TENB
Input
L22
The UTOPIA transmit write enable (TENB) signal is
an active low input which is used to initiate writes to
the transmit FIFO’s.
When TENB is sampled high, the information
sampled on the TDAT, TPRTY and TSOC signals are
invalid. When TENB is sampled low, the information
sampled on the TDAT, TPRTY and TSOC signals are
valid and are written into the transmit FIFO.
TENB is sampled on the rising edge of TFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com