Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 68 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 68 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 64Page - PMC-Sierra, Inc PM5356 Datasheet HTML 65Page - PMC-Sierra, Inc PM5356 Datasheet HTML 66Page - PMC-Sierra, Inc PM5356 Datasheet HTML 67Page - PMC-Sierra, Inc PM5356 Datasheet HTML 68Page - PMC-Sierra, Inc PM5356 Datasheet HTML 69Page - PMC-Sierra, Inc PM5356 Datasheet HTML 70Page - PMC-Sierra, Inc PM5356 Datasheet HTML 71Page - PMC-Sierra, Inc PM5356 Datasheet HTML 72Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
58
The POUT[7:0] outputs are provided by the Scrambler block and are updated
with timing aligned to TCLK. It also provides the FPOUT signal.
10.9 Transmit Line Overhead Processor (TLOP)
The Transmit Line Overhead Processor (TLOP) provides line level alarm signal
insertion, and line BIP-96 insertion (B2). In addition, it inserts the line data
communication provided serially on input TLD.
APS Insert
The APS Insert Block inserts the two automatic protection switch (APS) channel
bytes in the Line Overhead (K1 and K2) into the transmit stream when enabled
by an internal register.
Line BIP Calculate
The Line BIP Calculate Block calculates the line BIP-96 error detection code (B2)
based on the line overhead and synchronous payload envelope of the transmit
stream. The line BIP-96 code is a bit interleaved parity calculation using even
parity. Details are provided in the references. The calculated BIP-96 code is
inserted into the B2 byte positions of the following frame. BIP-96 errors may be
continuously inserted under register control for diagnostic purposes.
Line RDI Insert
The Line RDI Insert Block controls the insertion of line remote defect indication.
Line RDI insertion is enabled through register control. Line RDI is inserted by
transmitting the code 110 (binary) in bit positions 6, 7, and 8 of the K2 byte
contained in the transmit stream.
Line FEBE Insert
The Line FEBE Insert Block accumulates line BIP-96 errors (B2) detected by the
Receive Line Overhead Processor and encodes far end block error indications in
the transmit Z2 byte.
10.10 Transmit Path Overhead Processor (TPOP)
The Transmit Path Overhead Processor (TPOP) provides transport frame
alignment generation, pointer generation (H1, H2), path overhead insertion and
the insertion of path level alarm signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com