Electronic Components Datasheet Search
  English  ▼

X  

PM5356 Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM5356
Description  SATURN USER NETWORK INTERFACE (622-MAX)
PDF  307 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5356 Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM5356 Datasheet HTML 79Page - PMC-Sierra, Inc PM5356 Datasheet HTML 80Page - PMC-Sierra, Inc PM5356 Datasheet HTML 81Page - PMC-Sierra, Inc PM5356 Datasheet HTML 82Page - PMC-Sierra, Inc PM5356 Datasheet HTML 83Page - PMC-Sierra, Inc PM5356 Datasheet HTML 84Page - PMC-Sierra, Inc PM5356 Datasheet HTML 85Page - PMC-Sierra, Inc PM5356 Datasheet HTML 86Page - PMC-Sierra, Inc PM5356 Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 307 page
background image
RELEASED
S/UNI-622-MAX
PMC-Sierra, Inc.
PM5356
S/UNI-622-MAX
DATASHEET
PMC-1980589
ISSUE 6
SATURN USER NETWORK INTERFACE (622-MAX)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
73
Register 0x02: S/UNI-622-MAX Master Configuration #2
Bit
Type
Function
Default
Bit 7
R/W
SLLE
0
Bit 6
R/W
SDLE
0
Bit 5
R/W
LOOPT
0
Bit 4
R/W
DPLE
0
Bit 3
R/W
AUTOLRDI
1
Bit 2
R/W
AUTOPRDI
1
Bit 1
R/W
AUTOLFEBE
1
Bit 0
R/W
AUTOPFEBE
1
AUTOPFEBE
The AUTOPFEBE bit determines if the remote path block errors are sent upon
detection of an incoming path BIP error event. When AUTOPFEBE is set to
logic one, one path FEBE is inserted for each path BIP error event,
respectively. When AUTOPFEBE is set to logic zero, incoming path BIP error
events do not generate FEBE events.
AUTOLFEBE
The AUTOLFEBE bit determines if remote line block errors are sent upon
detection of an incoming line BIP error event. When AUTOLFEBE is set to
logic one, one line FEBE is inserted for each line BIP error event,
respectively. When AUTOLFEBE is set to logic zero, incoming line BIP error
events do not generate FEBE events.
AUTOPRDI
The AUTOPRDI bit determines whether STS path remote defect indication
(RDI) is sent immediately upon detection of an incoming alarm. When
AUTOPRDI is set to logic one, STS path RDI is inserted immediately upon
declaration of several alarms. Each alarm can individually be enabled and
disabled using the S/UNI-622-MAX Path RDI Control Registers.
AUTOLRDI
The AUTOLRDI bit determines if line remote defect indication (RDI) is sent
immediately upon detection of an incoming alarm. When AUTOLRDI is set to
logic one, line RDI is inserted immediately upon declaration of several alarms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com